PART |
Description |
Maker |
K6T2008U2A K6T2008U2A-B K6T2008U2A-F K6T2008U2A-FF |
256Kx8 bit Low Power and Low Voltage CMOS Static RAM
|
Samsung semiconductor
|
K6F2008S2E-F K6F2008S2E |
256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
DSK6F2008U2E K6F2008U2E-YF55 K6F2008U2E-YF70 |
256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Samsung Electronic
|
K6F2008U2E-YF70 DS_K6F2008U2E K6F2008U2E-EF55 K6F2 |
256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM 256Kx8位超低功耗和低电压的CMOS静态RAM 256K X 8 STANDARD SRAM, 55 ns, PBGA36
|
Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
5962-8961603VX 5962-8961604VX 5962-8961601VX |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs Analog-to-Digital Converter8-Bit ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver 模拟到数字转换器
|
TE Connectivity, Ltd.
|
TMP91PW12F |
Low-Voltage/Low Power CMOS 16-Bit Micro-controller 16-Bit Microcontroller TLCS-900 Family
|
Toshiba
|
MAX1239MEEE MAX1239KEEET MAX1239EEE MAX1237KEUA |
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V / Low-Power / 4-/12-Channel / 2-Wire Serial / 12-Bit ADCs 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
TC7MPB9307FK TC7MPB9307FT |
P SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
P87C552 P87C552SBAA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O, low voltage 2.7V.5.5V, low power
|
PHILIPS[Philips Semiconductors]
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|