PART |
Description |
Maker |
CY7C4271V-15JC CY7C4271V-15JI CY7C4271V-25JC CY7C4 |
16Kx9 Low Voltage Deep Sync FIFOs(16Kx9低压深同步先进先出(FIFO 16K/32K/64K/128K x 9 Low-Voltage Deep Sync⑩ FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?/a> FIFOs 16K/32K/64K/128K x 9 Low-Voltage Deep Sync?FIFOs
|
Cypress Semiconductor Corp.
|
CY7C4281 CY7C428105 CY7C4291-10JXC CY7C4291-15JXC |
64K/128K x 9 Deep Sync FIFOs
|
Cypress Semiconductor
|
CY7C451-12JC CY7C453-20JC CY7C453-30JC CY7C453-30J |
Memory : FIFOs 512x9 2Kx9 and 4Kx9 Cascadable Clocked FIFOs with Programmable
|
Cypress Semiconductor
|
CY7C4285-15ASC CY7C4275 CY7C4275-10ASC CY7C4275-10 |
Memory : FIFOs 32K/64Kx18 Deep Sync FIFOs
|
CYPRESS[Cypress Semiconductor]
|
MBM29F200BA12 MBM29F200TA12 |
2M (256K×8/128K×16) Bit Flash Memory(V 电源电压256K×8/128K×16闪速存储器) 200万(256K × 8/128K × 16)位快闪记忆体(V的电源电56K × 8/128K × 16闪速存储器 2M (256K?8/128K?16) Bit Flash Memory(??V ?垫??靛?256K?8/128K?16???瀛???ī
|
Fujitsu, Ltd. Fujitsu Limited
|
CY7C008V05 CY7C008V CY7C018V-15AC CY7C018V-20AC CY |
3.3V 64K/128K x 8/9 Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 20 ns, PQFP100 3.3V 64K/128K x 8/9 Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 64K X 8 DUAL-PORT SRAM, 15 ns, PQFP100 PLASTIC, TQFP-100 3.3V 128Kx8 Dual-Port Static RAM(3.3V 128Kx 8 位双端口静态RAM) 3.3V 64K/128K x 8/9 Dual-Port Static RAM
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
W29EE512P-70B W29EE512Q-70B W29EE512Q-90 W29EE512P |
BOX 2.53X1.73X.65 W/3 BTNS ALMOND 64K X 8 CMOS FLASH MEMORY 64K X 8 FLASH 5V PROM, 90 ns, PDSO32 64K X 8 CMOS FLASH MEMORY 64K X 8 FLASH 5V PROM, 70 ns, PDSO32
|
Winbond Electronics Corp Winbond Electronics, Corp.
|
CY14B101MA-ZSP25XIT CY14B101MA-ZSP45XI |
1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock; Organization: 64Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 1 Mb; Package: TSOP 64K X 16 NON-VOLATILE SRAM, 45 ns, PDSO54
|
CYPRESS SEMICONDUCTOR CORP
|
CY7C0832AV-133AXC CY7C0832AV-133AXI |
FLEx18(TM) 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM; Density: 4 Mb; Organization: 256Kb x 18; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz
|
CYPRESS SEMICONDUCTOR CORP
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|