PART |
Description |
Maker |
ALMP-5075 |
Matching Pad
|
http:// Mini-Circuits
|
BMP-5075R |
Matching Pad
|
Mini-Circuits
|
12.000MQ22030-101860 12.000MQ2030-101860 MQ2 MQ203 |
7 x 5mm SMD, 4 pad or 2 pad
|
EUROQUARTZ limited
|
CY7C4804V25 CY7C4806V25 CY7C4808V25 7C480XV25 |
2.5V 64K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 64K x 80 单向同步先进先出带总线匹配) 2.5V 16K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 16K x 80 单向同步先进先出带总线匹配) 2.5V 4K x 80 Unidirectional Synchronous FIFO w/Bus Matching(2.5V 4K x 80 单向同步先进先出带总线匹配) From old datasheet system 2.5V 4K/16K/64K x 80 UnidirectionalSynchronous FIFO w/Bus Matching
|
Cypress Semiconductor Corp.
|
Z7550-FFSF |
Matching Transformer
|
Mini-Circuits
|
P2231 |
Line matching transformer
|
Best Windings
|
140REX |
IMPEDANCE MATCHING TRANSFORMER
|
List of Unclassifed Man...
|
P3800 |
LINE MATCHING TRANSFORMER
|
ETAL Group
|
TEW4532-1 TEP4532 |
Audio Matching Transformer
|
FILTRAN[Filtran LTD]
|
IDT72361320PFI IDT723613L30PF IDT72361320PQF IDT72 |
64 x 36 SyncFIFO, 5.0V CMOS Clocked FIFO With Bus Matching and Byte Swapping 64 x 36 64 X 36 OTHER FIFO, 15 ns, PQFP132 CMOS Clocked FIFO With Bus Matching and Byte Swapping 64 x 36 64 X 36 OTHER FIFO, 12 ns, PQFP132 64 X 36 OTHER FIFO, 10 ns, PQFP132 PLASTIC, QFP-132 Single Low-Power Operational Amplifier 5-SOT-23 -40 to 85 High-Slew-Rate, Single-Supply Operational Amplifier 8-SOIC 0 to 70
|
IDT Integrated Device Technology, Inc.
|
3853-2 |
Audio Line Matching Transformer
|
FILTRAN[Filtran LTD]
|