PART |
Description |
Maker |
AUR13C |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
AMR13A-A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
AMR13A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY 12.7mm (0.5") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
PSA05-12YWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSA05-11GWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSA05-11EWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTD-2701P |
The LTD-2701P is a 0.28 inch (7mm) digit height dual digit seven-segment display 7 SEG NUMERIC DISPLAY, BRIGHT RED, 7 mm
|
Lite-On Technology, Corp. 光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
PSA23-11SRWA PSC08-11EWA_07 PSC08-11EWA07 |
20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY 56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
KINGBRIGHT[Kingbright Corporation]
|
HDSP-2112-IJ000 HDSP-2111-HI000 HDSP-2111-GH000 HD |
HDSP-2113 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2112 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2110 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2107 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2504 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2503 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2502 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2501 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2500 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111-GH000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2111-HI000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays HDSP-2112-IJ000 · Eight Character 5mm and 7mm Smart Alphanumeric Displays
|
Agilent (Hewlett-Packard)
|
LTS-3401LP LTS3401LP |
The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3401LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
LTS-3403LP LTS3403LP |
The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LP is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|