PART |
Description |
Maker |
11LC080 11LC080-E_MNY 11LC080-E_MS 11LC080-E_P 11L |
1K-16K UNI/O垄莽 Serial EEPROM Family Data Sheet 1K-16K UNI/O庐 Serial EEPROM Family Data Sheet 1K-16K UNI/O? Serial EEPROM Family Data Sheet
|
Microchip Technology
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
CAT24WC128_05 CAT24WC128 CAT24WC12833JA-1.8TE13 CA |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 128K-Bit I2C Serial CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 GREEN, PLASTIC, DIP-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
http:// CATALYST[Catalyst Semiconductor] Unisonic Technologies Co., Ltd. Fox Electronics
|
CAT25C256LI-1.8-GT3 CAT25C256LI-1.8-GT2 CAT25C256L |
128K/256K-Bit SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDIP8 ROHS COMPLIANT, PLASTIC, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOIC-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
http:// CATALYST[Catalyst Semiconductor]
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
M24128-BWBN6 M24128-BWDW6T M24128-BWMN6 M24128-BWM |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 256Kbit and 128Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
|
STMICROELECTRONICS ST Microelectronics
|
CAT24WC164UE-1.8TE13 CAT24WC164PE-1.8TE13 CAT24WC1 |
16K-Bit Serial EEPROM, Cascadable 16K的位串行EEPROM,可级联 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 PLASTIC, DIP-8
|
Vicor, Corp. CATALYST[Catalyst Semiconductor] http://
|
93C56B-I_SN 93C76BT-E_OT 93LC465CT-E_OT 93LC86AT-I |
1K-16K Microwire Compatible Serial EEPROMs 128 X 8 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Microchip Technology
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
BR9016RFV BR9016F BR9016 BR9080F BR9080RFV BR9080 |
8k, 16k bit EEPROMs for direct connection to serial ports 8k 16k bit EEPROMs for direct connection to serial ports 8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM
|
ROHM[Rohm] Rohm Co., Ltd.
|
CAT24C128WI-GT3 |
128 kb I<sup>2</sup>C Serial CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|