PART |
Description |
Maker |
U3525-S16-T U3525-S16-R U3525-D16-T U74AHC1G00L-AF |
SINGLE SCHMITT-TRIGGER BUFFER SINGLE SCHMITT-TRIGGER INVERTER QUADRUPLE 2-INPUT POSITIVE-OR GATES 2-INPUT OR GATE 2-INPUT NOR GATE HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER QUADRUPLE 2-INPUT POSITIVE-NAND GATES 2-INPUT EXCLUSIVE-OR GATE SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT BILATERAL SWITCH 2-INPUT AND GATE 2-INPUT NAND GATE REGULATING PWM IC
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
TC4021 |
8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
|
Toshiba Corporation
|
HCF4082 HCF4082M013TR |
4000/14000/40000 SERIES, DUAL 4-INPUT AND GATE, PDSO14 SOP-14 4 INPUT AND GATE 4 INPUT AND GATE
|
Vishay Intertechnology, Inc. STMicroelectronics ST Microelectronics
|
5B45 5B46-CUSTOM 5B45-01 5B45-02 5B45-03 5B45-04 5 |
Isolated Frequency Input 0 to 250 kHz Input Signal Conditioning Module Isolated, Frequency Input SPECIALTY ANALOG CIRCUIT, XMA
|
AD[Analog Devices] Analog Devices, Inc.
|
MC10109 MC10109FN MC10109L MC10109P ON0555 |
Replaced by SN54LS132 : Quadruple 2-Input Positive-NAND Schmitt Triggers 14-CDIP -55 to 125 10K SERIES, DUAL 5-INPUT OR/NOR GATE, PQCC20 Dual 4-5-Input OR/NOR Gate PIN ASSIGNMENT From old datasheet system
|
Motorola Mobility Holdings, Inc. Motorola, Inc ONSEMI[ON Semiconductor]
|
M74HC20 M74HC20RM13TR M74HC20TTR M74HC20B1R M74HC2 |
DUAL 4-INPUT NAND GATE DUAL 4-INPUT NAND GATE 10-Bit, 3 or 9 us DAC, Serial Input, Pgrmable Settling Time/Pwr Consumption, Ultra Low Power 8-MSOP 0 to 70
|
STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
M38510/30009B2A M38510/30009BAA M38510/30009BAB M3 |
Single 8-input NAND Gate Dual 4-input NAND Gate Quad 2-input NAND Gate Triple 3-input NAND Gate 3输入与非 Triple 3-input NAND Gate 输入与非
|
ITT, Corp. Linear Technology, Corp. Bel Fuse, Inc.
|
H11AA1-M H11AA1-MS H11AA1-MSR2 H11AA1-MSR2V H11AA1 |
AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER 8360 TBGA ENCRP NO-PB 6-Pin DIP AC Input Phototransistor Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HCTS4002MS FN3075 HCTS4002D HCTS4002DMSR HCTS4002H |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Input NOR Gate HCT SERIES, DUAL 4-INPUT NOR GATE, CDIP14 Quadruple 2-Input Positive-NAND Gates 14-CDIP -55 to 125 HCT SERIES, DUAL 4-INPUT NOR GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
REC10-2415DRWL REC10-6812DRWL REC10-6812DRWLZ REC1 |
10W DC/DC converter with 9V input, 15/670mA output 10W DC/DC converter with 9V input, 5/2000mA output 10W DC/DC converter with 69V input, -12/ -416mA output 10W DC/DC converter with 69V input, 5/2000mA output 10W DC/DC converter with 69V input, 15/670mA output 10W DC/DC converter with 69V input, -5/ -1000mA output ECONOLINE - DC/DC - CONVERTER 10W DC/DC converter with 68V input, -12/ -416mA output 10W DC/DC converter with 69V input, -15/ -333mA output 10W DC/DC converter with 69V input, 24/416mA output 10W DC/DC converter with 10V input, 5/2000mA output 10W DC/DC converter with 9V input, 12/830mA output
|
Recom International Power
|
MAX15030 MAX15030ATB MAX15029ATB |
1.425V to 3.6V Input, 500mA Low-Dropout Regulators with BIAS Input
|
Maxim Integrated Products
|
STRW6251D |
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
|
Allegro Microsystems
|