PART |
Description |
Maker |
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
EIC256S08D01-100D EIC256S08C01-085D EIC256S08C01-1 |
3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC x8的SRAM 3.3V Full Duplex, 500kbps Slew Rate Limited, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-MSOP 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP
|
Advanced Micro Devices, Inc.
|
ADM2490E |
5 kV Signal Isolated, High Speed (16 Mbps), ESD Protected, Full Duplex RS-485 Transceiver
|
Analog Devices
|
SP3490CN-L SP3490CN-L/TR SP3490EN-L-TR SP3490EN-LS |
3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate LINE TRANSCEIVER, PDSO14
|
Exar Corporation
|
ENC151D-14A ENC201D-14A ENC361D-14A ENC221D-14A EN |
Adjustable Quad Sequencer; Temperature Range: -40°C to 85°C; Package: 14-SOIC 5V, Full Duplex, 250kbps Slew Rate Limited With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-PDIP ±15kV ESD Protected, 3V To 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 18-SOIC 5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 5V, Full Duplex, 5Mbps With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-TSSOP 性病检验手 STD MOV 性病检验手 Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN 性病检验手 5V, Full Duplex, 250kbps Slew Rate Limited With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-PDIP 性病检验手 5V, Full Duplex, 5Mbps With Enable, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 性病检验手
|
Fuji Electric Holdings Co., Ltd. HIROSE ELECTRIC Co., Ltd.
|
ATA5823 MICRF600 MICRF600TR |
902-928MHz ISM Band Transceiver Module From old datasheet system UHF ASK/FSK multi-channel half-duplex and full-duplex transceiver
|
MICREL[Micrel Semiconductor]
|
ADM4853ACP-REEL7 ADM4853AR ADM4853AR-REEL7 ADM4850 |
Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate
|
Analog Devices
|
SP1490E SP1490ECN SP1490ECN_TR SP1490ECP SP1490EEN |
Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
SP1490E SP1490ECN-L SP1490ECN-L_TR SP1490EEN-L SP1 |
Full Duplex RS-485 Transceivers12345678VCC
|
Exar Corporation
|
MAX3460 MAX3460CPD MAX3460CSD MAX3460EPD MAX3460ES |
5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDSO14 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers LINE TRANSCEIVER, PDIP8 Single LVDS Receiver 5-SOT-23 -40 to 85 Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 " 5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers" 5V Fail-Safe 20Mbps Profibus RS-485/ RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers 5V / Fail-Safe / 20Mbps / Profibus RS-485/ RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL4489E06 ISL4491EIBZ ISL4489E ISL4489EIB ISL4489 |
【15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers ±15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers(±15kV ESD防护/8单元负载5V, 低功率,高速且转换速率有限,全双工,RS-485/RS-422收发
|
INTERSIL[Intersil Corporation]
|
|