PART |
Description |
Maker |
MXD6125Q |
Ultra High Performance ±1g Dual Axis Accelerometer with Digital Outputs Ultra High Performance 卤1g Dual Axis Accelerometer with Digital Outputs Ultra High Performance 【1g Dual Axis Accelerometer with Digital Outputs
|
List of Unclassifed Manufacturers ETC[ETC]
|
LIS344ALH0804 LIS344ALHTR |
MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer MEMS inertial sensor high performance 3-axis 卤2/卤6g ultracompact linear accelerometer MEMS inertial sensor high performance 3-axis 【2/【6g ultracompact linear accelerometer
|
STMicroelectronics
|
LIS2DH LIS2DHTR |
ultra low-power high performance 3-axis “femto accelerometer
|
STMicroelectronics
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
ATF1516AS-10UC192 ATF1516AS-15UC192 ATF1516ASL-20U |
High performance EE-based CPDL, 70 MHz High performance EE-based CPDL, 100 MHz High Performance EE-Based CPLD EE PLD, 20 ns, PPGA192 High Performance EE-Based CPLD EE PLD, 20 ns, PQFP160 ER 4C 4#8 SKT RECP LINE 320 x 240 pixel format, LED or CFL Backlight OSC 5V SMT 7X5 CMOS PROGRM KVM INTERCONNECT MODULE CABLE
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
GAL16V8D-20QPI GAL16V8D-20QJI GAL16V8D-7LP GAL16V8 |
Aluminum Snap-In Capacitor; Capacitance: 2700uF; Voltage: 160V; Case Size: 30x50 mm; Packaging: Bulk High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 3.5 ns, PQCC20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 7.5 ns, PDSO20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 25 ns, PDIP20 High Performance E2CMOS PLD Generic Array Logic EE PLD, 15 ns, PQCC20 IC,MICROCONTROLLER,8-BIT,68HC08 CPU,CMOS,DIP,8PIN,PLASTIC RoHS Compliant: No
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
LSM303DLMTR |
Sensor module:3-axis accelerometer and 3-axis magnetometer
|
STMicroelectronics
|
M4-192/96-12VI M4LV-256/128-12AC M4LV-128N/64-10JI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC84 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQCC44 EE PLD, 14 ns, PQCC44 PLASTIC, LCC-44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP100 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 12 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP48 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 15 ns, PQFP44 EE PLD, 14 ns, PBGA256 BGA-256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PBGA256 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 18 ns, PQFP100
|
Lattice Semiconductor, Corp.
|
ATF1508AS ATF1508AS-10AC100 ATF1508AS-10JC84 ATF15 |
High performance EE PLD, 100MHz High Performance E2 PLD High performance EE PLD, 166.7MHz
|
ATMEL[ATMEL Corporation]
|
CY37512P256-100BGC CY37512P256-83BGI CY37032P44-15 |
5V, 3.3V, ISR??High-Performance CPLDs 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP100 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 10 ns, PQFP160 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQCC44 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 12 ns, PQCC84 5V, 3.3V, ISRHigh-Performance CPLDs EE PLD, 6 ns, PQFP44 5V/ 3.3V/ ISR High-Performance CPLDs 5V, 3.3V, ISR?/a> High-Performance CPLDs 5V, 3.3V, ISR High-Performance CPLDs 5V, 3.3V, ISR?High-Performance CPLDs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. http://
|
C4123 C5334 C4124 C4133 C4323 C4134 C4324 C3323 C1 |
MEMS digital output motion sensor ultra low-power high performance 3-axes "nano" accelerometer 18-STAGE STATIC SHIFT REGISTER MEMS digital output motion sensor ultra low-power high performance 3-axes nano accelerometer MEMS inertial sensor 3-axis ultracompact linear accelerometer MEMS inertial sensor: 3-axis - ± 2g/± 6g digital output low voltage linear accelerometer LOW DROP POWER SCHOTTKY RECTIFIER 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions Memory tag IC at 13.56 MHz, with 64-bit unique ID and WORM user area, ISO 15693 and ISO 18000-3 Mode 1 compliant 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions 13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions Turbo 2 ultrafast high voltage rectifier 5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM Dual decade counter 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER® SRAM Analog multiplexer/demultiplexer with address latch : single 8 channel 5.0V or 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM TURBO2 ULTRAFAST HIGH VOLTAGE RECTIFIER Quad bilateral switch 5V or 3.3V, 16 Mbit (2Mb x 8) ZEROPOWER® SRAM Dual J-K flip flop with preset and clear 4-bit magnitude comparator 2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant MEMS inertial sensor: 3-axis - /-2g/6g ultracompact linear accelerometer 光电 432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory 光电
|
NXP Semiconductors N.V. STMicroelectronics N.V.
|
|