PART |
Description |
Maker |
D57-151333-K000G D57-210952-K000G D57-220909-K000G |
D57 Euro Desktop Unregulated 20 Watts Series
|
SL Power Electronics
|
D57-151333-N000G D57-210952-N000G D57-220909-N000G |
D57 Desktop (IEC) Unregulated 20 Watts Series
|
SL Power Electronics
|
PWR1240C PWR1242C PWR1218C PWR1243C PWR1214C PWR12 |
3 Watts Unregulated DC/DC Converters 3 Watts Unregulated DC/DC Converters
|
Murata Power Solutions Inc. Murata Power Solutions ...
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
5S12.080SIP |
IC CONV DC-DC STEP UP 4.5 TO 5.5VIN 4SIP
|
Calex Electronics Limited
|
CE-1003 |
IC CONV DC-DC SNGL OUT STEP DOWN 6 TO 16VIN T/R
|
TDK Semiconductor
|
PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN |
Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 48V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 24V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 12V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output Input voltage: 5V, output voltage 5V (200mA), 1KV isolated 1W unregulated single output PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
P6MU-2415EH40 P6MU-0505EH40 P6MU-0512EH40 P6MU-120 |
Input voltage: 5V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 4KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 4KV isolated 1W unregulated single output 4 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 4千伏隔震1W的未稳压单输出DIP14 Input voltage: 5V, output voltage 5V (200mA), 4KV isolated 1W unregulated single output
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH]
|
P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-120 |
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output 5.2KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP7 5.2KV隔震1W的未稳压单输出SIP7
|
PEAK[PEAK electronics GmbH]
|
A1141LLH A1142ELH A1142EUA A1142LLH A1142LUA A1140 |
CONV DC-DC 24V IN 3.3V OUT 50W Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches 敏感的两线斩波稳定单极霍尔效应开
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
KSC2669 |
NPN (FM RADIO RF AMP, MIX, CONV, OSC, IF AMP) NPN (FM RADIO RF AMP/ MIX/ CONV/ OSC/ IF AMP)
|
SAMSUNG[Samsung semiconductor]
|
KSC2715 |
NPN (FM RADIO AMP, MIX, CONV OSC, IF AMP) NPN (FM RADIO AMP/ MIX/ CONV OSC/ IF AMP)
|
SAMSUNG[Samsung semiconductor]
|