PART |
Description |
Maker |
LT1885 LT1884 LT1884CS8TR |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大 Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 150 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD8615 AD8615ARJ AD8618 AD8615AD8616AD8618 AD8618A |
Precision 20 MHz CMOS Single Rail-to-Rail Input/Output Operational Amplifier Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers
|
AD[Analog Devices] adi
|
LT1800CS5PBF LT1800-15 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 5000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO5 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp.
|
MIC7111 MIC7111BM5 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 1.8V IttyBitty⑩ Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBitty Rail-to-Rail Input/Output Op Amp Preliminary Information 1.8V IttyBittyTM Rail-to-Rail Input/Output Op Amp
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
RH1499M RH1499M-15 |
10MHz, 6V/s, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp
|
Linear Technology
|
EL8188FWZ-T7 EL8188FWZ-T7A EL8188_07 EL8188 EL8188 |
Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
|
INTERSIL[Intersil Corporation]
|
ISL28136FHZ-T7 ISL28136FBZ-T7 ISL28136FHZ-T7A ISL2 |
5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amp
|
Intersil Corporation
|
LT1882 LT1881 |
Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps(四路,满幅度输微微安培输入精密运算放大 Dual Rail-to-Rail Output, Picoamp Input Precision Op Amps(双路,满幅度输微微安培输入精密运算放大
|
Linear Technology Corporation
|
LT1218 LT1218CN8 LT1218CS8 LT1218L LT1218LCN8 LT12 |
From old datasheet system Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
LT1630 |
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology Corporation
|