PART |
Description |
Maker |
MVOA1310T003111 MVOA1550T003111 MVOA1550T003311 MV |
Mini Mechanical Variable Optical Attenuator Through Type
|
OPLINK Communications Inc. OPLINK Communications I...
|
NAT500-8-50-ST-1 |
FIBER OPTIC VARIABLE ATTENUATOR, ST/SPC CONNECTOR
|
DICON FIBEROPTICS INC
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
MPAT-02000220-3706 MPAT-10701250-6020 MPAT-0750085 |
2000 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2100 MHz - 2700 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
MPAT-05840643-4015 MPAT-06400720-4015 MPAT-0750085 |
5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 6400 MHz - 7200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 1500 MHz - 1800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.1 dB INSERTION LOSS-MAX 950 MHz - 1750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.2 dB INSERTION LOSS-MAX 1275 MHz - 1480 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
AIRV-144-10.5T-JS AIRV-143-12.5T-J AIRV-144-4.5T-J |
SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR UNSHIELDED, 0.578 uH - 0.95 uH, VARIABLE INDUCTOR UNSHIELDED, 0.132 uH - 0.195 uH, VARIABLE INDUCTOR SHIELDED, 0.433 uH - 0.585 uH, VARIABLE INDUCTOR
|
ABRACON CORP
|
JQ1A-12V JQ1P-XX JQ1AP-12V JQ1AP-18V JQ1AP-24V JQ1 |
Spacer; Spacing Height:2"; Thread Size:6-32; Body Diameter:0.375"; Internal Thread Depth:0.375"; Leaded Process Compatible:Yes; MIL SPEC:NL-523W01-016; Pack Quantity:1 RoHS Compliant: Yes 高电继电器机械噪声免 HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY 高电继电器机械噪声免 HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY (JQ Relays) HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY
|
Panasonic, Corp. NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)] http://
|
B3W-XXXX B32-1000 B32-1010 B32-1020 B32-1030 B32-1 |
Mechanical Keyswitch 机械按键开 ER 4C 4#8 SKT RECP WALL Mechanical Keyswitch
|
Omron Electronics, LLC OMRON[Omron Electronics LLC]
|
B561-8I-10 B221-8I-10 B331-8I-10 B101-8I-10 B151-8 |
UNSHIELDED, 0.4 uH - 0.56 uH, VARIABLE INDUCTOR UNSHIELDED, 0.16 uH - 0.22 uH, VARIABLE INDUCTOR UNSHIELDED, 0.24 uH - 0.33 uH, VARIABLE INDUCTOR UNSHIELDED, 0.07 uH - 0.1 uH, VARIABLE INDUCTOR UNSHIELDED, 0.11 uH - 0.15 uH, VARIABLE INDUCTOR UNSHIELDED, 0.054 uH - 0.076 uH, VARIABLE INDUCTOR UNSHIELDED, 0.02 uH - 0.025 uH, VARIABLE INDUCTOR
|
Data Device, Corp. ITT Interconnect Solutions
|
294SN-T1014Z 294SN-T1010Z |
Variable Coils UNSHIELDED, VARIABLE INDUCTOR
|
TOKO, Inc.
|
HA11560FP HA11560T HA11560FP_T HA11560 HA11560FP/T |
Mini-Coax Crimp Tool Die; For Use With:Paladin Tools CrimpALL 8000 & 1300 Series Crimper; SMA, SMB BNC/TNC, Mini-UHF, Mini-59 , RG58, RG174, small coax & Belden 1855A RoHS Compliant: Yes 录像可变数据印刷射频调制 VCR/VDP RF Modulator
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
|