PART |
Description |
Maker |
ADM705 ADM705AN ADM705AR ADM706 ADM706AN ADM706AR |
3 V/ Voltage Monitoring uP Supervisory Circuits Low Cost uP Supervisory Circuits 低成本的监控电路 Low Cost uP Supervisory Circuits 2-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 Low Cost P Supervisory Circuits Low Cost uP Supervisory Circuits
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
HSMP-3860-BLK HSMP-3860-TR1 HSMP-3860-TR2 HSMP-386 |
Surface Mount PIN Diodes HSMP-386E · Low cost general purpose PIN diode HSMP-3862 · Low cost general purpose PIN diode HSMP-386C · Low cost general purpose PIN diode HSMP-386L · Low cost general purpose PIN diode HSMP-3863 · Low cost general purpose PIN diode HSMP-3864 · Low cost general purpose PIN diode HSMP-386B · Low cost general purpose PIN diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
ADTL08207 ADTL082JR ADTL082JR-REEL ADTL082JR-REEL7 |
Low Cost JFET Input Dual Operational Amplifier Low Cost JFET Input Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: Industrial Low Cost JFET Input Operational Amplifiers Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Commercial QUAD OP-AMP, 10000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO14 Low Cost JFET Input Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MAX705 MAX705CPA MAX705CSA MAX705CUA MAX705EPA MAX |
Quadruple 2-Input Multiplexers With Storage 16-CFP -55 to 125 Quadruple 2-Input Multiplexers With Storage 16-CDIP -55 to 125 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug Low-Cost / uP Supervisory Circuits From old datasheet system Low-Cost uP Supervisory Circuits Low-Cost, μP Supervisory Circuits Low-Cost, uP Supervisory Circuits
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX5380 MAX5380EUK-T MAX5380LEUK MAX5380-MAX5382 M |
4 V, Low-cost, low-power, 8-bit DAC with 2-wire serial interface Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 8-BIT DAC, PDSO5 Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 低成本,低功耗,8位DAC2线串行接口,采用SOT23 Low-Cost Low-Power 8-Bit DACs with 2-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23" Low-Cost / Low-Power / 8-Bit DACs with 2-Wire Serial Interface in SOT23
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD202 AD204 AD202JY |
Low Cost, Miniature Isolation Amplifiers Low Cost, Miniature Isolation Amplifier powered by external clock Low Cost, Miniature Isolation Amplifiers Powered Directly From a 15 V DC Supply
|
Analog Devices
|
CY23S0904 CY23S09ZXC-1H CY23S05SXC-1H CY23S09SXC-1 |
Low-Cost 3.3V Spread Aware Zero Delay Buffer(低价.3V Spread Aware零延迟缓冲器) Low-Cost 3.3V Spread Aware垄芒 Zero Delay Buffer Low-Cost 3.3V Spread Aware⑩ Zero Delay Buffer Low-Cost 3.3V Spread Aware?Zero Delay Buffer
|
Cypress Semiconductor Corp.
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
HFBR-5001 HFBR-5111 HFBR-5112 HFBR-5113 HFBR-5198 |
Low Cost, Industry Standard FDDI MIC Transceivers Low cost, industry standart FDDI MIC transceiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|