PART |
Description |
Maker |
M48T35AV |
256 KBIT (32KB X8) TIMEKEEPER SRAM
|
ST Microelectronics
|
M48T35-70PC1 M48T35 |
256 KBIT (32KB X8) TIMEKEEPER SRAM From old datasheet system
|
ST Microelectronics
|
M48T35AV M48T35AV-10MH1 M48T35AV-10MH1TR M48T35AV- |
256 Kbit 32Kb x8 TIMEKEEPER SRAM 256千位2KB的SRAM x8计时 ER 5C 5#16 PIN PLUG
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FM31256 |
64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
|
Cypress Semiconductor
|
M27C516-55N6TR |
512 Kbit 32Kb x16 OTP EPROM
|
ST Microelectronics
|
M24C02-WMN6P M24C02-WBN6P M24C16-RBN6P M24C16-WMN6 |
Enhanced ESD/latch-up protection, More than 40-year data retention 16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I2C bus EEPROM
|
STMicroelectronics
|
PSD834210MT PSD834210MIT |
Flash PSD / 3.3V Supply / for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
|
ST Microelectronics
|
PSD835G2-70U PSD835G2-90U PSD835G2-90UI |
Flash PSD, 5V Supply, for 8-bit MCUs, 4Mb 256 Kbit Dual Flash Memories and 64 Kbit SRAM
|
ST Microelectronics
|
AT88SC12816C-MJTG AT88SC12816C09 AT88SC12816C-PU A |
CryptoMemory 128 Kbit CryptoMemory 128 Kbit One of a Family of 9 Devices with User Memories from 1-Kbit to 256-Kbit
|
ATMEL Corporation
|
M27C256B-15XF1TR M27C256B-15XF6X M27C256B-15XF7TR |
CAP 0.1UF 50V 20% Z5U DIP-2 TUBE 256千位(的32KB × 8)紫外线存储器和OTP存储 ER 2C 2#12 SKT RECP LINE 256千位(的32KB × 8)紫外线存储器和OTP存储 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM 256千位(的32KB × 8)紫外线存储器和OTP存储 CAP 100PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2200UF 450V ELECT SCREW TERM Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:35VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:210000uF RoHS Compliant: Yes Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:75VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:200000uF RoHS Compliant: Yes ER 14C 14#16 SKT RECP BOX TVS ARRAY, MULTIGUARD 5.6V 2 ELEMENTTVS ARRAY, MULTIGUARD 5.6V 2 ELEMENT; Voltage, varistor at 1mA:8.5V; Voltage, varistor at 1mA min:6.8V; Voltage, varistor at 1mA max:10.2V; Energy, transient:50J; Current, peak 8/20us max:15A; ER 1C 1#4 PIN RECP WALL CAP 10PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR ER 4C 2#16 2#12 PIN RECP WALL CAP 820PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 200V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 100PF 100V 2% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 8.2PF 100V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 8.2PF 50V /-0.25PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 91PF 50V 2% NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR CAP 100PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED PWR SPLY LINEAR SINGLE 12V@10.2A HOLDER CIRCUIT BOARDS ESD SAFE Mounting Bracket; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No CAP 8.2PF 50V /-0.5PF NP0(C0G) SMD-0805 TR-7-PL SN-NIBAR SERV SWITCH USB COAX CPU CABLES 75 FT CONNECTOR ACCESSORY 256 KBIT (32KB X8) UV EPROM AND OTP EPROM 256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
|
Samsung Semiconductor Co., Ltd. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CA4900S |
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
|
|
MCM67A518 MCM67A518FN10 MCM67A518FN12 MCM67A518FN1 |
32K x 18 Bit Asynchronous/Latched Address Fast Static RAM
|
MOTOROLA[Motorola, Inc]
|