PART |
Description |
Maker |
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
XC6367F512MR XC6367E512MR XC6367B512MR XC6367D512M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers PWM控制,PWM / PFM切换升压DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX731-MAX752 MAX732CPA MAX732CWA MAX732EPA MAX732 |
5V Adjustable CMOS Step Up Current Mode DC-DC Conerter(5V,无外部MOSFET,步升,PWM DC-DC变换 5V、升压型、电流模式PWM DC-DC转换 5V, Step-Up, Current-Mode, PWM DC-DC Converter 5V/Adjustable Step-Up Current-Mode DC-DC Converters 5V/Adjustable升压电流模式的DC - DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL6432EVAL1 ISL6432 ISL6432CB |
PWM Controller and Triple Linear Power Controller, Adjustable Outputs, 0.8V Reference, ?% Reg, 300kHz Fsw PWM and Triple Linear Power Controller for Home Gateway Applications
|
INTERSIL[Intersil Corporation]
|
XC6376SERIES XC6377SERIES TOR018 |
PWM Controlled,PWM/PFM Switchable Step-down DC/DC Converters From old datasheet system
|
Torex
|
XC6362SERIES TOR012 |
PWM Controlled,PWM/PFM Switchable Step-up/down DC/DC Converters From old datasheet system
|
Torex
|
GM3326 GM3326-2.5ST25R GM3326-2.8ST25R GM3326-3.0S |
PWM,PWM/PFM SWITCHING STEP-UP & DOWN DC/DC CONVERTER CONTROLLER ICS
|
Gamma Microelectronics Inc.
|
MAX728 |
5V/3.3V/3V 2A Step-Down, PWM,
Switch-Mode DC-DC Regulators(2A,5V,步降,PWM,开关型DC-DC变换
|
Maxim Integrated Products, Inc.
|
XC6365A |
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
|
Torex Semiconductor
|