PART |
Description |
Maker |
39-01-0039 39-01-0149 |
2.0MM BRD-IN CONN HSG 3CK 537903 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.0MM BRD-IN CONN HSG 14C 537914 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
1220800000 |
CONN MALE INSERT HE SIZE 8 24POS RECTANGULAR CONNECTOR
|
Weidmuller, Corp.
|
1221200000 |
CONN FMALE INSERT HE SIZE8 24POS RECTANGULAR CONNECTOR
|
Weidmuller, Corp.
|
10-10-1051 10-10-1121 10-10-1161 |
5.08mm KK PCB Conn RA VrA 5Ckt 5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,12 Contacts,SKT,0.2 Pitch,PC TAIL Terminal 5.08mm KK PCB Conn RA VrA 16Ckt
|
Molex, Inc. MOLEX INC
|
71251-0006 71251-0002 |
.05 DIMM Skt PPeg MK PdNiAu 168Ckt 168 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER DIMM CONN 3.3 VOLT 712510002 168 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
Molex, Inc.
|
JS1-5V JS1A-12V JS1A-18V JS1A-24V JS1A-48V JS1A-5V |
(JS Series) ULTRA-MINIATURE PC BOARD TYPE POWER RELAY CONN SOCKET CODING KEY YELLOW CONN HEADER TYPE-C 55POS R/A AU Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 16x31.5 mm; Packaging: Bulk CONN SHROUD CPCI 2MM TYPE C 11 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 15000uF; Voltage: 35V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk 超微型基板式电源继电 ULTRA-MINIATURE PC BOARD TYPE POWER RELAY 超微型基板式电源继电 CONN SHROUD CPCI 2MM TYPE B 25 超微型基板式电源继电 Wire-To-Board Connector; No. of Contacts:30; Pitch Spacing:0.1"; Gender:Female RoHS Compliant: Yes
|
Nais(Matsushita Electri... NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)] Panasonic, Corp.
|
EHT-105-01-S-D-SM-LC EHT-113-01-SM-D-SM-P |
CONN HEADER 2MM 10POS SMD GOLD 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
SAMTEC INC
|
5100141-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); 2MM H.M. TYPE "B" PIN ASSY. ( AMP )
|
Tyco Electronics
|
BTB04-400 BTB04-400A BTB04-400D BTB04-400S BTB04-4 |
700 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB SENSITIVE GATE TRIACS 灵敏栅极双向可控 CTV 30C 4 MIXED PIN PLUG 灵敏栅极双向可控 CTV 37C 37#16 SKT RECP CTV 56C 48#20 8#16 PIN RECP CTV 56C 48#20 8#16 SKT RECP CTV 13C 13#22D SKT RECP CTV 19C 19#12 SKT RECP CTV 61C 61#20 SKT PLUG From old datasheet system SENSITIVE GATE TRIACS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
SMM-114-02-S-S SMM-140-02-S-S SMM-117-02-S-D |
2mm SOCKET STRIPS 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET CONN RCPT 2MM 40POS SGL GOLD SMD 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET 2mm SOCKET STRIPS 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
2-858885-1 |
LGH Single-Pin Connectors and Cable Assemblies; LGH-1/2 DBL. MLD. END/BRD/GND ( AMP )
|
Tyco Electronics
|
|