PART |
Description |
Maker |
95094 95093 95092 |
High Temperature, High Voltage Flyback Transformer
|
List of Unclassifed Manufacturers
|
AD1928 |
2 ADC/8 DAC with PLL, 192 <font style="text-transform: lowercase">kH<font style="text-transform: lowercase">z, 24-Bit Codec
|
Analog Devices
|
AD5687R |
Dual, 12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC with 2 <span style="text-transform: lowercase">ppm</span>/°C On-Chip Reference and SPI Interface
|
Analog Devices
|
AD5541A |
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC in 8-lead 3 mm × 3 mm LFCSP
|
Analog Devices
|
AD5512A AD5542A |
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC in 16-lead 3 mm × 3 mm LFCSP 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC in 16-lead 3 mm × 3 mm LFCSP & 16-lead TSSOP
|
Analog Devices
|
AD5629R |
Octal, 12-bit, I<sup>2</sup>C Voltage Output <span style="text-transform: lowercase"><i>dense</i></span>DAC with 5 ppm/°C On-Chip Reference
|
Analog Devices
|
ADL5610 |
30 MH<font style="text-transform: lowercase">z to 6 GH<font style="text-transform: lowercase">z RF/IF Gain Block
|
Analog Devices
|
ML4863ES ML4863 ML4863CS ML4863IS |
High Efficiency Flyback Controller
|
MICRO-LINEAR[Micro Linear Corporation]
|
LT1737 LT1737CGN LT1737CS LT1737IGN LT1737IS |
High Power Isolated Flyback Controller
|
LINER[Linear Technology]
|
STV3208 |
8 x 8 DISCRETE COSINE TRANSFORM
|
ST Microelectronics
|
AN2838 |
35 W wide-range high power factor flyback converter evaluation
|
STMicroelectronics
|
CS8240YTQ5 CS8240YTQVA5 CS8240 CS8240-D |
500 mA High Side (PNP) Driver with On-Chip Flyback Diode
|
ONSEMI[ON Semiconductor]
|