PART |
Description |
Maker |
A1698LUBTN-FWPG-T |
Two-Wire, True Zero-Speed, High Accuracy
|
Allegro MicroSystems
|
ATS625 ATS625LSG |
True Zero-Speed, Low-Jitter, High-Accuracy Gear-Tooth Sensor
|
Allegro MicroSystems
|
VRD1A1DLTX VRD1A1ELTX VRD1A25LTX VRD1A2FLTX VRD1A2 |
High speed, Low dropout, 1% High output accuracy CMOS Voltage Regulator with Dual output
|
AnaSem Hong Kong Limited
|
AD637 AD637JD |
500V; 108mW; high precision, wideband true RMS-to-DC converter High Precision,wide-RMS-to-DC Converter Complete High Accuracy Monolithic RMS-to-DC Converter.
|
Analog Devices
|
MAX4007 MAX4008 MAX4008EUT-T MAX4007EUT-T |
"?High-Accuracy, 76V High-Side Current Monitor in SOT23" "High-Accuracy, 76V, High-Side Current Monitor with internal resistive load in SOT23" High-Accuracy, 76V, High-Side Current Monitors in SOT23
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
AD7891ACHIPS-2 AD7891ACHIPS-1 AD7891AP-1REEL AD789 |
LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
AD741 AD741LH AD741H |
Low Cost/ High Accuracy IC Op Amps ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection Low Cost, High Accuracy IC Op Amps OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc.
|
AD7891 AD7891YP-2 AD7891SS-2 |
0.3-7V; 450mW; LC2MOS 8-channel, 12-bit high speed, data acquisition system. For data acquisition systems, motor control, mobile communication base stations, instrumenatation True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
AD5200 AD5210 AD5210AD5212AD5215SERIES AD5210SERIE |
2-Channel/ 256-Position Digital Potentiometer 12-Bit Successive Approximation High Accuracy A/D Converters 12-Bit Successive Approximation High Acquisition A/D Converter -18V; 12-bit successive approximation high accuracy A/D converter
|
Analog Devices, Inc. AD[Analog Devices]
|
IDTQS3L384SO IDTQS3L384Q QS3L384Q IDTQS3L384QG IDT |
QuikSwitch High-Speed Low Power CMOS 10-Bit Bus Switch QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH 3L SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
EVAL-AD5764EBZ AD5764ASUZ AD5764ASUZ-REEL7 |
Complete Quad, 16-Bit, High Accuracy Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
Analog Devices
|