PART |
Description |
Maker |
EVAL-AD7989-5SDZ |
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
|
Analog Devices
|
AD7699BCPZ AD7699BCPZRL7 EVAL-AD7699CBZ AD7682 AD7 |
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
|
Analog Devices
|
AD7327BRUZ AD7327BRUZ-REEL AD7327BRUZ-REEL7 EVAL-C |
500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
|
AD[Analog Devices]
|
AD7915BRMZ |
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
|
Analog Devices
|
AD7686CCPZRL1 AD7686CCPZRL71 AD7686BRMRL7 AD7686BR |
16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
|
Analog Devices
|
AD7911 AD7911ARM AD7911ARM-REEL AD7911AUJ-R2 AD791 |
2-Channel, 2.35 V to 5.25 V, 250 kSPS, 12-Bit A/D Converter 2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
|
AD[Analog Devices]
|
AD7650 AD7679 AD7671 AD7660 |
16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC 16-Bit, 1,-1 LSB INL,500 kSPS, Differential ADC
|
Analog Devices
|
7812 AD7812 AD7812YRU AD7811 AD7811YN AD7811YR AD7 |
2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs 10-Bit, 8-Channel, 350 kSPS, Serial A/D Converter 10-Bit, 4-Channel, 350 kSPS, Serial A/D Converter 2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
|
AD[Analog Devices]
|
AD7688BRMRL7 |
500 kSPS 16- BIT Differential PulSAR® A/D Converter in µSOIC/QFN; Package: MSOP; No of Pins: 10; Temperature Range: Industrial 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO10
|
Analog Devices, Inc.
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
K4H560838D-TC/LB0 K4H560838D-TC/LA2 K4H560838D-TC/ |
64M X 4 DDR DRAM, 0.7 ns, PDSO66 Quad Wide Bandwidth High Output Drive Single Supply Op Amp 20-HTSSOP -40 to 125 256Mb 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PDIP 256Mb 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PLCC 256Mb 10-Bit, 400 kSPS ADC Serial Out, SPI/DSP Compatible I/F, Power Down, 8 Ch. 20-SOIC -40 to 85 10-Bit, 400 kSPS ADC Serial Out, SPI/DSP Compatible I/F, Power Down, 8 Ch. 20-TSSOP -40 to 85
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
|