PART |
Description |
Maker |
942L004M22GP 942L004M22GS 940L004M22GP 941L004M22G |
Sav-Con? Connector Savers
|
Glenair, Inc.
|
941L003M11-35P 942L003M11-35P 941L003M11-35S 942L0 |
Connector Savers
|
Glenair, Inc.
|
941-011NF40 942-011NF40 941-011NF44 942-011NF44 94 |
Connector Savers
|
Glenair, Inc.
|
C115366-9846C C115366-9847C C115366-9844C C115366- |
3401-041 MDM Connector Savers
|
C&K Components
|
22-02-3073 22-02-3043 22-02-3113 22-02-3133 22-02- |
2.54 FFC ST L/PR CON 7CKT 522907CPB 7 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:4; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 4 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 11CKT FFC ST CONN ASSY 522911CPB 11 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE PC Board Connector; Number of Contacts:13; Pitch Spacing:2.54mm; Number of Rows:1; Mounting Type:Thru-Hole; Current Rating:1A; Voltage Rating:200V 13 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 10CK 522910CPB 10 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 2.54 FFC ST L/PR CON 20CK 522920CPB 20 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22023033 3 CONTACT(S), FEMALE, STRAIGHT FFC/FPC CONNECTOR, SOLDER, RECEPTACLE 22CKT FFC ST. CONN ASSY 522922CPB
|
Molex, Inc. MOLEX INC
|
K6X4008C1F K6X4008C1F-B K6X4008C1F-BB55 K6X4008C1F |
48 RECP WIRE SPLICE BLUE PTSE CON 20 SKT (16-20) Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):6-4 RoHS Compliant: Yes 97-3102A18-1S Circular Connector; Body Material:Composite; Series:RADSOK; Number of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Connector Type:Circular; Gender:Receptacle; Wire Size (AWG):10-8 Circular Connector; Body Material:Composite; Series:RADSOK; No. of Contacts:5; Connecting Termination:Wire; Circular Shell Style:Cable Receptacle; Gender:Receptacle; Wire Size (AWG):10-8 RoHS Compliant: Yes 512Kx8 bit Low Power full CMOS Static RAM 512Kx8位充分的CMOS低功耗静态存储器 PTSE CON 20 SKT (16-20) 512Kx8位充分的CMOS低功耗静态存储器
|
http:// Samsung Electronic SAMSUNG[Samsung semiconductor] SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
LNBP21PD LNBP21PD-TR LNBP21D2-TR LNBP21 |
LNBP SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE SIGN, NO SMOKING, 75X50MM, PK10, SAV; RoHS Compliant: NA
|
STMicroelectronics 意法半导
|
DF4-9PA-2R28 DF4-02P-2R26 DF4-02PA-2R26 DF4-03P-2R |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 CORD 18AWG 3COND SJT GRAY 2毫米间距连接器直接安装在董事 2mm Pitch Connector Directly Mounted on Board 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:SG3106; Number of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 2毫米间距连接器直接安装在董事 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-26 SIGN, SAFETY HELMETS MUST BE WORN, SAV; RoHS Compliant: NA SIGN, HAND PROTECT MUST BE WORN, RP; RoHS Compliant: NA RES 6.81K-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
384199 |
Male Con.C/2 48 solder
|
ERNI Electronics
|
384208 |
Male Con.C/2 32 solder
|
ERNI Electronics
|
B1215RU B1211RU B1205RU |
Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters Ultra-Wide Input 12W Single & Dual Output DC/DC Con verters 超宽输入12瓦单
|
Electronic Theatre Controls, Inc.
|
|