PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
BUX48 BUX48A |
SWITCHMODE II Series NPN Silicon Power Transistors SITCHMODE II Series NPN Silicon Power Transistors
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
NJT4031N NJT4031NT1G NJT4031NT3G |
NPN SOT223 40V/3A Low VCE(sat) Power Transistor Bipolar Power Transistors NPN Silicon
|
ON Semiconductor
|
2N3716 2N3715 ON0040 |
Slllcon NPN Power Translstors 10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
BDV65B BDV65A BDV65C |
Silicon NPN Power Transistors Silicon NPN Darlington Power Transistor
|
Inchange Semiconductor Company Limited
|
MJW16010A-D MJW16010A |
NPN Silicon Power Transistors NPN Silicon Power Transistors 1 kV SWITCHMODE Series
|
ON Semiconductor
|
2N5038 2N5039 ON0050 |
From old datasheet system NPN Slllcon Translstors NPN SILICON POWER TRANSISTORS
|
ONSEMI[ON Semiconductor]
|
2SD794 2SD794A 2SD794A-AZ |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON POWER TRANSISTORS
|
NEC[NEC]
|