PART |
Description |
Maker |
ST9291 ST9291J2 ST9291J3 ST9291J4 ST9291J5 ST9291J |
8/16-BIT MICROCONTROLLER (MCU) WITH 16-48K ROM, OTP, EPROM, ON SCREEN DISPLAY AND VOLTAGE TUNING OUTPUT 16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
ULS-2004R-883 ULS-2014R-883 ULS-2024R-883 ULS-2003 |
Single inverter ST72E311/ST72T311 - 8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES ST62T85B/ST62E85B/ST6285B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8/16-bit MCU family with up to 64K ROM/OTP/EPROM and up to 2K RAM Folder actuator ST6215C/ST6225C - 8-BIT MCUS WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET ST72101/ST72212/ST72213 - 8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS 七倍外设驱 5V VERY LOW DROP VOLTAGE REGULATORS 七倍外设驱
|
RECOM Electronic GmbH Linear Technology, Corp.
|
ST6210L ST6210LB1 ST6210LM1 ST6220L ST6220LB1 ST62 |
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8ROM微控制器使用A / D转换器和20图钉 LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 低电压的8位ROM微控制器使用A / D转换器和20图钉 (ST6208L - ST6220L) LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
ST92T195 ST92T195B7 ST92T195B7B1 ST92T195B7T1 ST92 |
8/16-BIT MICROCONTROLLER (MCU) WITH 32-64K ROM, ON-SCREEN-DISPLAY & TELETEXT DATA SLICER, SDIP56, TQFP64 32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST6280BQ6/GEN ST62T80BQ6 |
ST62T80B/ST62E80B/ST6280B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS
|
ST Microelectronics
|
ST72F63BD6U1 ST72F63BE1M1 ST72F63BE2M1 ST72F63BE4M |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
STMicroelectronics
|
ST72P63BK6B1 |
Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I?C
|
意法半导
|
ST72321R6T1 ST72321AR6TC ST72321R6T6 ST72321R6T5 S |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制32点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口 64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE 64/44-PIN 8位微控制2点,0,000闪存/ ROM,ADC的,5个定时器,SPI和SCI的I2C接口
|
意法半导 STMicroelectronics N.V.
|
ST62P25C ST6225C ST6215C ST62P15CM6 ST62T25CM3 ST6 |
(ST62P15C / ST62P25C) 8-BIT MCU 8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET 8-BIT MICROCONTROLLER ( MCU ) WITH OTP. ROM. FASTROM. EPROM. A/D CONVERTER. OSCILLATOR SAFEGARD. SAFE RESET AND 28 PINS 8位微控制器(MCU)的与检察官办公室。光盘FASTROM。存储器。的A / D转换器。振荡器SAFEGARD。安全复位和28个引
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|