PART |
Description |
Maker |
AM27C128 AM27C128-120 AM27C128-120DC AM27C128-120D |
112dB 192kHz 24-BIT SCH DAC 128 Kilobit (16 K x 8-Bit) CMOS EPROM Octal D-Type Flip-Flops With Clear 20-PDIP 0 to 70 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 90 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 120 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 55 ns, CDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 90 ns, PDIP28 Quad 2-input exclusive-NOR gates with open collector outputs 14-SO 0 to 70 16K X 8 OTPROM, 120 ns, PDIP28 112dB 192kHz 24-BIT SCH DAC 16K X 8 OTPROM, 120 ns, PQCC32 112dB 192kHz 24-BIT SCH DAC 一一二分92kHz4位三星援 Quad /S-/R latches 16-SOIC 0 to 70 一一二分92kHz4位三星援 112dB 192kHz 24-BIT SCH DAC 16K X 8 UVPROM, 250 ns, CDIP28 Triple 3-input positive-NOR gates 14-SOIC 0 to 70
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
SOM-3560 SOM-3560FG-S1A1E |
Intel? Atom Processor SCH US15W Qseven CPU Module
|
Advantech Co., Ltd.
|
AK4382 AK4382VT |
112dB 192kHz 24-BIT SCH DAC DUAL, SERIAL INPUT LOADING, 24-BIT DAC, PDSO16
|
Asahi Kasei Microsystems Co.,Ltd
|
LV100-150 LV100-750 |
Voltage Transducer LV 100-750 电压互感器低00-750 Voltage Transducer LV 100-150
|
LEM[LEM]
|
LV100-750 |
Voltage Transducer LV 100-750 Voltage Transducer LV 100-750
|
LEM[LEM]
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
AKD4382 AK4382 AK4382VT |
112dB 192kHz 24-Bit 2ch ## DAC 112dB 192kHz 24-BIT SCH DAC
|
AKM[Asahi Kasei Microsystems]
|
BSR17A |
High current (max. 100 mA). Low voltage (max. 40 V). Emitter-base voltage VEBO 6 V
|
TY Semiconductor Co., Ltd
|
LP295006 MSP430X21X1 NCV2574 NCV2951 LP2950ACZ-3.0 |
100 mA, Low Power Low Dropout Voltage Regulator MIXED SIGNAL MICROCONTROLLER 0.5 A, Adjustable Output Voltage, Step?Down Switching Regulator
|
Unisonic Technologies TI ONSEMI[ON Semiconductor]
|
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
VDRH14V485BKE VDRH14V485AME VDRH10G040BKE VDRH14V3 |
Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 640 V, 233 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT VDR Metal Oxide Varistors High Surge Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 420 V, 190 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 100 V, 22 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 350 V, 155 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 615 V, 230 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 385 V, 175 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 250 V, 26 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 825 V, 283 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 14 V, 1.5 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 18 V, 1.7 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 18 V, 6.3 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 14 V, 0.7 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 18 V, 3.2 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 26 V, 24 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 14 V, 2.6 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT Voltage Dependent Resistor, RESISTOR, VOLTAGE DEPENDENT, 640 V, 116 J, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay BCcomponents Vishay Siliconix
|
ADDC2803SCTV/QMLH ADDC2805SCTV/QMLH 5962-9760101HX |
DC-to-DC Voltage Converter Analog IC 28 V/66 W/100 W DC/DC Converters with Integral EMI Filter 28 V/66 W/100中西区区议会/ DC转换器与积分EMI滤波 28 V/66 W/100 W DC/DC Converters with Integral EMI Filter 3-OUTPUT 66 W DC-DC REG PWR SUPPLY MODULE
|
Analog Devices, Inc.
|
|