PART |
Description |
Maker |
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MIC5247-1.85BM5 MIC5247-1.85BML MIC5247-1.85YM5 MI |
150mA Low-Voltage 渭Cap Linear Regulator 150mA Low-Voltage μCap Linear Regulator 1.85 V FIXED POSITIVE LDO REGULATOR, PDSO6
|
Micrel Semiconductor MICREL INC
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
MIC2951-3.3YM MIC2950-05YZ MIC2950-06YZ MIC2951-03 |
150mA Low-Dropout Voltage Regulator IC REG LDO 150MA 5.0V 0.5% TO92 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3
|
Micrel Semiconductor, Inc.
|
R1120N501B-TL R1120N301A-TL R1120N501ATR R1120N501 |
LOW NOISE 150mA L.D.O REGULATOR FIXED POSITIVE LDO REGULATOR, PDSO5 CAP 0.27UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 FIXED POSITIVE LDO REGULATOR, PDSO5 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 LOW NOISE 150mA L.D.O REGULATOR 低噪50mA的LDO稳压
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AM2833 AM2833PC AM2833DM AM2533 AM2533DC AM2533V A |
Voltage Regulator IC; Output Current:150mA; Output Voltage:2.5V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.5V 1024 Bit Static Shift Registers 1024-Bit Static Shift Registers
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
SPX5205 SPX5205M5 SPX5205M5-1.8 SPX5205M5-2.5 SPX5 |
150 mA, Low-Noise LDO Voltage Regulator(Wide Range of Fix Output Voltages)(150mA,低噪声,低压差稳压器(宽范围的固定输出电压,STO-23封装可调)) 150毫安低噪声LDO稳压器(广泛的固定输出电压)50毫安,低噪声,低压差稳压器(宽范围的固定输出电压,高级技术主 23封装可调))
|
Amphenol, Corp. SIPEX[Sipex Corporation]
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AME8750 |
Low-Dropout 150mA / 150mA Dual CMOS Regulator
|
AME
|
SPX1121_05 SPX1121 SPX1121M3-3-3 SPX1121M3-3-3_TR |
150mA Low Dropout Voltage Regulator
|
http:// SIPEX[Sipex Corporation]
|