PART |
Description |
Maker |
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2SD1619 |
Very small size making it easy to provide highdensity,small-sized hybrid IC’s.
|
TY Semiconductor Co., Ltd
|
HEDS-9741-250 HEDS-974 HEDS-9740-150 HEDS-9740-250 |
Small Optical Encoder Modules 小型光学编码器模 Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules HEDS-9741#250 · Small Optical Encoder Modules HEDS-9740#150 · Small Optical Encoder Modules
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BSP316P |
Low Voltage MOSFETs - Small Signal MOSFET, -100V, SOT-223, RDSon =1.80 SIPMOS Small-Signal-Transistor
|
INFINEON[Infineon Technologies AG]
|
1SS300 |
Small package Small total capacitance :CT = 2.2 pF(Typ)Fast reverse recovery time :trr=1.6 ns(Typ)
|
TY Semiconductor Co., Ltd
|
SP0610 SP0610T Q67000-S088 |
From old datasheet system SIPMOS Small-Signal Transistor 130 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2SA921 |
Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires 小信号装小信号晶体管-一般使用低频Amplifires
|
Panasonic, Corp.
|
|