PART |
Description |
Maker |
L7203S 7760 L7203 L7203TR L7203STR |
From old datasheet system SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED SMOOTH DRIVE SPINDLE MOTOR FOR OPTICAL DRIVE APPLICATION WITH POWER INTEGRATED
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRSM836-045MA IRSM836-045MATR IRSM836-045MA-15 |
Integrated Power Module for Small Appliance Motor Drive Applications Integrated gate drivers and bootstrap functionality
|
International Rectifier
|
ACI-C068220-1956 |
I-DRIVE, 15 WATT LED DRIVER (Single Channel 68V, 0-220mA)
|
Applied Concepts Inc.
|
ACI-E060440-1970 |
I-DRIVE 5, 26.4 WATT LED DRIVER (Single Channel 60V, 0-440mA)
|
Applied Concepts Inc.
|
ACI-E096250-1884 |
I-DRIVE, 24 WATT LED DRIVER (Dual Channel 96V, 0-125mA)
|
Applied Concepts Inc.
|
IRSM836-044MA IRSM836-044MATR IRSM836-044MA-15 |
Integrated Power Module for Small Appliance Motor Drive Applications Integrated gate drivers and bootstrap functionality Integrated Power Module for Small Appliance Motor Drive Applications
|
International Rectifier
|
MC3484410 MC34844EP MC34844AEP MC34844AEPR2 EPMC34 |
10 Channel LED Backlight Driver 10 Channel LED Backlight Driver with Integrated Power Supply
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
MTM232270LBF |
Silicon N-channel MOSFET For switching Low drive voltage: 2.5 V drive
|
Panasonic Semiconductor
|
HDSP-5603- HCPL-316J HCPL316J HCPL-316 |
2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback 14.2 mm (0.56 inch) Seven Segment Displays HCPL-316J · 2.0 Amp Gate Drive Optocoupler with Integrated Desaturation Detection and Fault Status Feedback
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
2SJ669 |
Silicon P-Channel MOS Type Relay Drive, DC/DC Converter and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK349806 2SK3498 |
Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|
2SK261506 2SK2615 |
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|