PART |
Description |
Maker |
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
KZH6.3VB6800MK35 KZH6.3VB2700MJ25 KZH6.3VB470MF11 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Nippon Chemi-con, Corp.
|
G8912BCI G8912BD G8912BL G8912BLI G8912BP G8912BE |
CMOS PCM Transmit/receive Filters Aluminum Snap-In Capacitor; Capacitance: 3900uF; Voltage: 63V; Case Size: 30x35 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 80V; Case Size: 25x30 mm; Packaging: Bulk 的CMOS的PCM传输/接收 Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 22x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1200uF; Voltage: 80V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 63V; Case Size: 25x50 mm; Packaging: Bulk
|
California Micro Device... California Micro Devices Corporation
|
G8522-02 G8522 G8522-01 G8522-03 |
Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 420V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 180V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 120uF; Voltage: 420V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 560uF; Voltage: 180V; Case Size: 22x30 mm; Packaging: Bulk GaAs PIN photodiode
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
678D667H010DG5J 678D337M016CD3D 678D108M010DM3D 67 |
RADIAL,HIGH RIPPLE,10V,660UF,20%,-55- 105,13X23,BULK - Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 330 uF, THROUGH HOLE MOUNT, CAN, RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1000 uF, THROUGH HOLE MOUNT, CAN, RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 220 uF, THROUGH HOLE MOUNT, CAN, RADIAL LEADED
|
Vishay Sprague
|
EKB |
Aluminum Electrolytic Capacitors, Radial Style, Long Lifetime, Extended Temperature Range (105°C), Polarized AI Electrolytic Capacitor, High C-U Product, Very Small Dimensions Aluminum Electrolytic Capacitors, Radial Style(扩展温度范围05℃的径向引线铝电解电
|
Vishay Intertechnology,Inc.
|
CGR103U075U4L4PHS CGR323U075X4L4PH CGR213U016R3C4P |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 32000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 21000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 21000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 3300 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 32000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 11000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 16000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 3200 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 11000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 16000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 3300 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 210000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 120000 uF, STUD MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 210000 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 3200 uF, CHASSIS MOUNT RADIAL LEADED, CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 120000 uF, CHASSIS MOUNT RADIAL LEADED, CAN
|
Aerovox, Corp.
|
107LBA500M2BF 157LBA500M2BH 107LBA500M2CD 157LBA50 |
85°C Snap-Mount Aluminum Electrolytic Capacitors 85∑C Snap-Mount Aluminum Electrolytic Capacitors 85隆?C Snap-Mount Aluminum Electrolytic Capacitors 85掳C Snap-Mount Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|
UPJ2C100MPD UPJ2D100MPD UPJ1E181MPD UPJ1J181MPD UP |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 10uF; Voltage: 160V; Case Size: 10x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 10 uF, THROUGH HOLE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 10 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 25V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 63V; Case Size: 10x31.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 63V; Case Size: 10x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 63V; Case Size: 10x20 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 35V; Case Size: 8x11.5 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 35V; Case Size: 16x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 35V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 35V; Case Size: 10x12.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 120 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
SH016M3300BZF-1625 SH016M4700BZF-1632 SH016M4700AZ |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 3300 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 15 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 68 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 47 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Yageo, Corp.
|
AK9824 AK9824M AK9822 AK9822M |
2ch 8bit DA 4Kbit EEPROM 2ch 8bit DA 2Kbit EEPROM 2K / 4Kbit EEPROM with 2ch 8bit D/A Converter Aluminum Snap-In Capacitor; Capacitance: 2200uF; Voltage: 160V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 30x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 160V; Case Size: 20x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1800uF; Voltage: 160V; Case Size: 35x35 mm; Packaging: Bulk 2K / 4Kbit通道8位的EEPROM / A转换
|
http:// AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystems Co.,Ltd Asahi Kasei Microsystems Co., Ltd.
|
G8372-01 G8372-03 G8422-05 G5852-103 G5852-11 G585 |
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 30x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 450V; Case Size: 35x35 mm; Packaging: Bulk InGaAs PIN photodiode
|
Hamamatsu Photonics HAMAMATSU[Hamamatsu Corporation]
|
|