PART |
Description |
Maker |
FC250R1 |
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
|
Tyco Electronics
|
JFW050C JFW050C1 |
Power Module: dc-dc Converter, 36 to 75 Vdc Input, 15 Vdc Output DC-DC Converter: (36 to 75) V to (15) V
|
Tyco Electronics
|
LANC243.3W12-S LANC243.3W12 |
DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4815W12-S LANC4815W12 |
DC/DC Converter 36-75 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC2433UW12 LANC2433UW12-S |
DC/DC Converter 9-36 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4812UW12-S |
DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC125.1W12 LANC125.1W12-S |
DC/DC Converter 9-18 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
SLIN-03E1A0 SLIN-03E1AL SLIN-03E1AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
|
Bel Fuse Inc.
|
SLIN-03E2A0 SLIN-03E2AL SLIN-03E2AX |
NON-ISOLATED DC/DC CONVERTERS 4.5 Vdc - 14 Vdc Input, 0.59 Vdc - 5.5 Vdc /3 A Outputs
|
Bel Fuse Inc.
|