PART |
Description |
Maker |
FC250R1 |
Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
|
Tyco Electronics
|
AT80C5112 |
DC-DC Converter, 15Watt, Input VDC: 9~36, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C
|
Atmel Corp.
|
JFW050C JFW050C1 |
Power Module: dc-dc Converter, 36 to 75 Vdc Input, 15 Vdc Output DC-DC Converter: (36 to 75) V to (15) V
|
Tyco Electronics
|
ATF-38143- ATF38143 ATF-38143-BLK ATF-38143-TR1 AT |
DC-DC Converter, 15Watt, Input VDC: 18~75, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
YS12S16 |
YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
|
Power-One
|
LANC123.3W12 LANC123.3W12-S |
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage DC/DC Converter 9-18 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries, Inc. Wall Industries,Inc.
|
LANC242.5W12-S LANC242.5W12 |
DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4812W12 LANC4812W12-S |
DC/DC Converter 36-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
BCW60 |
NPN Silicon AF Transistor for AF inpu...
|
Infineon
|
XRAH-03F1A0 VRAH-03F1A0 SRAH-03F1A0 |
NON-ISOLATED DC/DC CONVERTERS 3.0 VDC - 5.5 VDC INPUT 0.9 VDC - 3.3 VDC/3 A OUTPUT
|
BEL[Bel Fuse Inc.]
|