PART |
Description |
Maker |
LANC4815DW12 LANC4815DW12-S |
DC/DC Converter 36-75 VDC Input 隆戮15 VDC Output at 隆戮0.4A DC/DC Converter 36-75 VDC Input ±15 VDC Output at ±0.4A
|
Wall Industries,Inc.
|
LANC4805DW12-S |
DC/DC Converter 36-75 VDC Input 隆戮5.0 VDC Output at 隆戮1.2A DC/DC Converter 36-75 VDC Input ±5.0 VDC Output at ±1.2A
|
Wall Industries,Inc.
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
MPQ24S24-50C MPQ24S24-50R MPQ24S24-50 |
50 W DC-DC Converter 10-36 Vdc Input 24 Vdc Output at 2.5 A Quarter-Brick Package
|
Wall Industries,Inc.
|
YS12S16 |
YS12S16 DC-DC Converter Data Sheet 9.6-14 VDC Input; 0.7525-5.5 VDC Programmable @ 16A
|
Power-One
|
LANC4805DW8 |
DC/DC Converter 36-75 VDC Input ±5.0 VDC Output at ±0.8A
|
Wall Industries,Inc.
|
LANC482.5W12-S LANC482.5W12 |
DC/DC Converter 36-75 VDC Input 2.5 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC4812UW12-S |
DC/DC Converter 18-75 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC245.1W12 LANC245.1W12-S |
DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC1215W12 LANC1215W12-S |
DC/DC Converter 9-18 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC2412UW12 |
DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
SLIN-20F1AX SLIN-20F1AL SLIN-20F1A0 |
2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output NON-ISOLATED DC/DC CONVERTERS
|
Bel Fuse Inc.
|