PART |
Description |
Maker |
XE5692H |
Half-Size, Low-Cost Global Embedded Modem
|
ETC[ETC]
|
M48-433-USX2 M48-433-USX2-EAS |
UHF NBFM multi channel RS232 radio modem
|
Radiometrix Ltd
|
ST70138 ST20138 MTC20174-TQ-C1 MTC20174-TQ-C1TR ST |
PCI/USB ADSL CHIPSET: ST70138 MTC20174 FOR ULTRA LOW COST ADSL MODEM
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AM2168-45/BUA AM2169-70DCB AM2169-40PC AM2169-40LC |
Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower DC/DC Converter with Programmable Peak Current Limit; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 5V RS232 Transceiver with 3V Logic Interface and One Receiver Active in Shutdown; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1.5A Boost DC/DC Converter with Phase-Locked Loop; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Cost Dual and Quad Video Amplifiers; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Cost Dual and Triple 130MHz Current Feedback Amplifiers with Shutdown; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Micropower, 600kHz PWM DC/DC Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x4 SRAM x4的SRAM
|
3M Company
|
ISL12058 ISL12058IBZ ISL12058IBZ-T ISL12058IRTZ IS |
Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Cost and Low Power I2C-Bus™ Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I2C-Bus垄芒 Real Time Clock/Calendar
|
Intersil, Corp. Intersil Corporation
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
LT1130A LT1130ACNW LT1130ACSW LT1130AISW LT1131A L |
Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 24; Temperature Range: -40°C to 85°C LINE TRANSCEIVER, PDSO24 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????5????RS232椹卞????ユ???甯?????灏??瀹?) CAP .015UF 200V B SERIES POLY LINE TRANSCEIVER, PDSO28 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,先进的低功5RS232驱动接收带关断和小电) Octal Buffers/Line Drivers with 3-State Outputs 20-SOIC 0 to 70 Octal Buffers/Line Drivers with 3-State Outputs 20-SO 0 to 70 From old datasheet system 5V, 12V 4-Driver/4-Receiver 5-Driver/3-Reciever 4-Driver/5-Receiver Advanced 5-Driver/3-Receiver RS232 Transceiver without Charge Pump Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors(5V,?????????3????RS232椹卞????ユ???甯?????灏??瀹?)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
5962-9458507HMA 5962-9458507HMC 5962-9458506H9A 59 |
Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs EEPROM EEPROM Single/Dual/Quad, Low-Cost, UCSP/SOT23, Low-Power, Rail-to-Rail I/O Op Amps EEPROM High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers EEPROM Low-Cost, 3V/ 5V, 620µA, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs EEPROM
|
Silicon Storage Technology, Inc. Glenair, Inc.
|
MX919LH MX919J NBSPMX919JNBSP |
MODEM CIRCUIT,MODEM,CMOS,LDCC,24PIN,PLASTIC MODEM CIRCUIT,MODEM,CMOS,DIP,24PIN,CERAMIC From old datasheet system
|
MX-COM Inc
|
ZPSD311 ZPSD311-B-15J ZPSD311-B-15L ZPSD311-B-15M |
From old datasheet system PSD3XX, ZPSD3XX, ZPSD3XXV, PSD3XXR, ZPSD3XXR, ZPSD3XXRV Low Cost Field Programmable Microcontroller PSD3XX/ZPSD3XX FAMILY LOW COST MICROCONTROLLER PERIPHERALS LowCostFieldProgrammableMicrocontrollerPeripherals Low Cost Field Programmable Microcontroller Peripherals
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
STMICROELECTRONICS
|
LT1780 LT1780CN LT1780CSW LT1781 LT1781CN LT1781CS |
Low Power 5V RS232 Dual Driver/Receiver with 【15kV ESD Protection From old datasheet system Low Power 5V RS232 Dual Driver/Receiver with ±15kV ESD Protection Low Power 5V RS232 Dual Driver/Receiver with 15kV ESD Protection
|
LINER[Linear Technology]
|
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|