PART |
Description |
Maker |
HES25-033500-1 HES25-360100-6 HES25-230130-2 HES25 |
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
|
http:// HITRON ELECTRONICS CORPORTION
|
HEA-41-050130-2 HEA-41-050130-3 HEA-41-095090-1 HE |
AC TO DC EXTERNAL UN-REGULATED WALLMOUNT ADAPTOR DIVERSE AC PLUGS SINGLE OUTPUT 8.4-9.6 WATTS LINEAR POWER ADAPTORS
|
HITRON ELECTRONICS CORPORTION
|
HES16B-065250 HES16C-065250 HES16B-150120 HES16B H |
AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HER-48-090092-5 HER-48-150064-3 HER-48-060110-4 HE |
AC/DC EXTERNAL REGULATED WALLMOUNT & DESKTOP ADAPTER DIVERSE AC PLUGS SINGLE OUTPUT 6.0-13.0 WATTS LINEAR POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
54LS76 S7476W S7476F S74LS76W S74LS76F 74LS76 54_7 |
ENCLOSURE, CARDMASTER POLYCARBONATE; Length / Height, external:160mm; Width, external:166mm; Depth, external:118mm; Material:Polycarbonate; Colour:Light Grey; Flammability rating:UL 94 5V; IP rating:IP 65; RAL number:7035; Temp, op. DUAL JK FLIP - FLOP 双JK触发次浮点运
|
Signetics ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
112RKI40 112RKI40S90 111RKI40S90 112RKI80S90 110RK |
Potting Box Enclosure; Enclosure Material:Plastic; External Height:1"; External Width:4"; External Depth:1.75"; Enclosure Color:Black RoHS Compliant: Yes 相位控制晶闸管螺柱版 PHASE CONTROL THYRISTORS Stud Version
|
International Rectifier, Corp. IRF[International Rectifier]
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
MA8121K |
On-Chip Clock Source to replace external 12Mhz external crystal Integrated 5V to 3.3V/1.8V Voltage Regulator
|
List of Unclassifed Man...
|
8XL52 8XL54 87L54 87L52 87L58 8XL58 |
LOW VOLTAGE CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS FUSE KIT, ASSORTED; Depth, external:165mm; Height:50mm; Width, external:260mm
|
Intel Corp.
|
PCH-W306 PCH-W206E PCH-W204 |
4-slot Wallmount Chassis
|
Protech Systems Co., Ltd.
|
RC-150 |
Half-size Wallmount Chassis
|
BOSER Technology
|