PART |
Description |
Maker |
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
FK20UM-5 |
Bench Power Supply; Output Voltage:16V; Output Current:10A; Number of Outputs:1; Calibrated:No; Display Technology:LED; Output Current Max:10A; Output Current Min:0A; Output Voltage Max:16V; Output Voltage Min:0V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors]
|
SRJ23A3BBBNN |
Rocker Switch; Circuitry:SPST-NO; Switch Operation:On-On; Contact Current Max:20A; Contact Rating:20A; Leaded Process Compatible:Yes; Mounting Type:Panel; Peak Reflow Compatible (260 C):No; Switch Function:SPST-NO
|
THE CHERRY CORP
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
2SK1517 |
Drain Current ?ID=20A@ TC=25C
|
Inchange Semiconductor ...
|
HDDB-37PF HDDB-37SF HDEB-9SF HDAB-15PF HDAB-15SF H |
Consumer IC 375W LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR Sidac Thyristor; Forward Current:90A; Current Rating:20A IC-RGB VIDEO AMP SYSTEM IC-VERT DEFL OUTPUT Unijunction Transistor; Power Dissipation:0.300W IC-1.3GHZ PLL FOR TV Voltage Regulator IC; Output Current:6mA; Output Voltage:5.1V; Package/Case:8-DIP; Voltage Regulator Type:Current Mode PWM; Mounting Type:Through Hole; Supply Voltage:30V IC-FM IF AMP- AF PREAMP IC-PWM CTRL CKT LED GREEN/RED BICOLOR 1210 SMD LED RED CLEAR 0805 SMD MOSFET-PWR-N-CH FAST SW Thermal Fuse; Current Rating:15A; Opening Temperature:72 C; Fuse Terminals:Axial Lead; Fuse Size/Group:3.22 " 锡D型微型连接器 SRAM Memory IC; Memory Type:SRAM; Interface Type:Serial; Access Time, Tacc:450ns; Package/Case:22-DIP; Mounting Type:Through Hole 锡D型微型连接器 Operational Amplifier RoHS Compliant: Yes 锡D型微型连接器 SOLDER TYPE D SUBMINIATURE CONNECTOR D型微型连接器 IC-POS 5V VLTG REGULATOR 锡D型微型连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. Diodes Incorporated http:// HIROSE ELECTRIC Co., Ltd.
|
SBL2040PT SBL2030PT |
Dual Schottky Barrier Rectifier, Forward Current 20A
|
Vishay
|
SD210DE SST823 SST824 SD5001N SD5401CY SST215 |
Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.9V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.9V RoHS Compliant: No Voltage Regulator IC; Output Current:150mA; Output Voltage:2.8V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
|
LINEAR[Linear Integrated Systems]
|
Q62705-K151 KPY33-R |
Advanced PFC/PWM Combination Controllers 20-PDIP -40 to 105 相对硅压阻压力传感器 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor Silicon Piezoresistive Relative Press...
|
Siemens Semiconductor G... SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
FDC60-12D05 FDC60-24S05 FDC60-48D15 FDC60 FDC60-12 |
Input range:9-18 VDC;output voltage:3.3/5 VDC; output current:6/6 A;input current:5770 mA; 60 W DC-DC converter 60 WATTS OUTPUT POWER KIT, MACHXO 2280C, EVAL BOARD
|
Power Mate Technology List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|