PART |
Description |
Maker |
MAX6731AUT MAX6731AUTD MAX6732AUT MAX6732AUTD MAX6 |
Single-/Dual-/Triple-Voltage µP Supervisory Circuits with Independent Watchdog Output 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO6 Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage レP Supervisory Circuits with Independent Watchdog Output
|
Maxim Integrated Products, Inc.
|
MAX1303 |
The MAX1302/MAX1303 multirange, low-power, 16-bit, successive-approximation, analog-to-digital conve
|
Maxim Integrated Products
|
REC5-123.3SRW REC5-483.3RWZ_H1 REC5-1205RW_H1 REC5 |
5 Watt DIP24 / SMD Single & Dual Output 5瓦特DIP24 /贴片 249-2060-001 5 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP30-483.3SEW RP30-2405SEW RP30-241.5SEW RP30-241. |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Power Inc. RECOM Electronic GmbH RECOM[Recom International Power]
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
RP10-123.3SE06 RP10-1205SEM2 RP10-1205SEN RP10-120 |
10 Watt 2x 1Package Single & Dual Output 10 Watt 2?x 1?Package Single & Dual Output 10 Watt 2” x 1” Package Single & Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
RJZ-3.33.3SHP RJZ-123.3S RJZ-053.3D RJZ-053.3DH RJ |
2 Watt DIP14 Single & Dual Output 2瓦特DIP14 2 Watt DIP14 Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
R05P3.3S R05P3.3D_P R05P3.3S_P R09P3.3S R09P3.3D_P |
1 Watt SIP 7 Single & Dual Output 1瓦特的SIP 7 1 Watt SIP 7 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RKZ-243.3S RKZ RKZ-0505D RKZ-0505S RKZ-0512D RKZ-0 |
2 Watt SIP7 Single & Dual Output 2瓦特SIP7 2 Watt SIP7 Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
RTS-053.3HP RTS-053.3P RTS-093.3HP RTS-093.3P RTS- |
2 Watt SMD Single & Dual Output 2瓦特贴片 2 Watt SMD Single & Dual Output
|
Recom International Pow... RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|