PART |
Description |
Maker |
EM640FR16DW-10L EM640FS16DW-10L EM641FR16DW-10L EM |
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
http:// Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
IDT71T024L200PZI IDT71T024 IDT71T024L150PZ IDT71T0 |
LOW POWER 2V CMOS SRAM 1 MEG (128K x 8-BIT) 128K X 8 STANDARD SRAM, 150 ns, PDSO32
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
K6T1008V2C K6T1008V2C-B K6T1008V2C-D K6T1008V2C-F |
128K x8 bit Low Power and Low Voltage CMOS Static RAM
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
BS616LV2017 BS616LV2017EIP70 BS616LV2017AC BS616LV |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 FF-SR2 Series, Two-hand Control, 24 Vdc 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A, Flush mounting Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... Honeywell International, Inc. BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
EM621FV16BU |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions
|
EM613FP16AS-70LF EM643FP16AS-70LF EM613FP16AS-70LL |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc Emerging Memory & Logic...
|
EM640FR16AS-45L EM640FR16AS-45S EM640FR16AS-85L EM |
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic... Emerging Memory & Logic Solutions Inc
|
AS6C8008 |
512K X 8 BIT LOW POWER 1024K X 8 BIT SUPER LOW POWER CMOS SRAM
|
List of Unclassifed Manufacturers List of Unclassifed Manufac...
|
BS616LV2015 BS616LV2015TI BS616LV2015AC BS616LV201 |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Plug-In Relay; Contacts:SPST-NO; Contact Carry Current:30A; Coil Voltage AC Max:24V; Relay Mounting:Plug-In; Relay Terminals:Screw; Coil Resistance:11.5ohm; Coil Power VAC:9.5VA RoHS Compliant: Yes 非常低功电压CMOS SRAM28K的16 Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
LY62L12916 LY62L12916E LY62L12916GL LY62L12916GV L |
128K X 16 BIT LOW POWER CMOS SRAM
|
Lyontek Inc.
|
BS62LV1027TIP70 BS62LV1027SIP70 BS62LV1027TCP70 BS |
Very Low Power CMOS SRAM 128K X 8 bit
|
Brilliance Semiconducto...
|
K6T1008C2C K6T1008C2C-B K6T1008C2C-DB55 K6T1008C2C |
128K x8 bit Low Power CMOS Static RAM
|
Samsung semiconductor
|