PART |
Description |
Maker |
SCX30AN SCXSNP1 SCX15AN SCX150DN SCX01DN SCX05DN S |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
CPC150DFC CPC05GFC CPC15GFC CPC05DFC CPC05GC CPC0. |
Precision compensated pressure sensors / mV-output
|
Sensortechnics GmbH
|
PCOH004DP PCOP015AP PCOP005DP |
Precision compensated pressure sensors Precision compensated pressure sensors
|
Sensortechnics GmbH
|
RDOP001D4 RDOP001D4H RDOP001D4P RDOP001G2 RDOP001G |
Precision compensated pressure sensors Precision compensated pressure sensors
|
Sensortechnics GmbH
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MPXHZ6117AC6T1 MPXHZ6117AC6U MPXHZ6117A MPXHZ6117A |
Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure,On-Chip Signal Conditioned,Temperature Compensated and Calibrated
|
Freescale Semiconductor, Inc
|
MPXAZ4100A |
MPXAZ4100A Media Resistant, Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated, and Calibrated
|
Motorola
|
MPXM2202 MPXM2202A MPXM2202AS MPXM2202AST1 MPXM220 |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 MOTOROLA[Motorola, Inc]
|
SC802-09 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Absolute, flush mount with flange, 10 Vdc excitation SCHOTTKY BARRIER DIODE
|
FUJI ELECTRIC HOLDINGS CO., LTD. FUJI[Fuji Electric]
|
MPXV7002GP MPXV7002 MPXV7002DP MPXV7002GC6T1 MPXV7 |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, -.29-0.29Psi, 6.25%, 2.50-4.50V, SQUARE, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
MPX4115A |
MPX4115A Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Altimeter or Barometer Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated From old datasheet system Signal Conditioner, Other - Datasheet Reference Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications
|
Motorola Semiconductor Products Inc
|
|