PART |
Description |
Maker |
AP8910A |
Standard CMOS process
|
Aplus Intergrated Circuits
|
AP89042 |
Standard CMOS process
|
Aplus Intergrated Circuits
|
AIVR8511 |
Standard CMOS process
|
Aplus Intergrated Circuits
|
70AAJ-6-M0G 70AAJ-5-M0 70AAJ-2-M0G 70AAJ-3-M0G |
Modular Contacts 2.54mm 6Pin Male Standard Pins PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Battery Holder; Leaded Process Compatible:Yes RoHS Compliant: Yes Modular Contacts 2.54mm 3Pin Male Standard Pins
|
Bourns, Inc. BOURNS INC
|
AS7C31024 AS7C31024-10 AS7C31024-10TJC AS7C31024-1 |
AML41 Series, Solid State Indicator, Square, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 1 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 5V/3.3V 128K的8 CMOS SRAM的(进化引脚 SWTCH PLUNGR SPDT 15A SCREW TERM 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 20 ns, PDSO32 High Speed CMOS Logic Dual Negative-Edge-Triggered J-K Flip-Flops with Set and Reset 16-TSSOP -55 to 125 128K X 8 STANDARD SRAM, 20 ns, PDSO32 5V/3.3V 128K x 8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 128K X 8 STANDARD SRAM, 20 ns, PDSO32 AML41 Series, Solid State Indicator, Rectangular, Pushbutton Style, Lighted, 2 Incandescent Lamp, Snap in panel mount 5V/3.3V 128K8 CMOS SRAM (Evolutionary Pinout)
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ETC
|
P4C422-25DC P4C422-25DMB P4C422-12FC P4C422-15FC P |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 12 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 15 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, PDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 25 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, PDSO24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 20 ns, CDIP22 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
RT1527 |
OTP Encoderutilizing CMOS Technology Process
|
Rato
|
BD48L23FVE-TL BD48L23FVE-TR BD48L23G-TR BD48L23G-T |
Standard CMOS Voltage Detector IC Standard CMOS Voltage Detector IC High accuracy detection, Ultra-low current consumption
|
Rohm
|
P4C163 P4C163-25CC P4C163-25CCLF P4C163-25CM P4C16 |
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 35 ns, CQCC28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 45 ns, CDIP28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 35 ns, CDIP28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 25 ns, CDIP28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 25 ns, PDSO28 ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS 8K X 9 STANDARD SRAM, 45 ns, CDFP28
|
Pyramid Semiconductor, Corp. Pyramid Semiconductor Corporation
|
HS1-65647RH HS9A-65647RH-Q HS1-65647RH-8 HS1-65647 |
Radiation Hardened 8K x 8 SOS CMOS Static RAM 8K X 8 STANDARD SRAM, 50 ns, CDFP28 Radiation Hardened 8K x 8 SOS CMOS Static RAM 8K X 8 STANDARD SRAM, 50 ns, CDIP28 RF CONNECTORSMP MALE; REAR MOUNT; BULKHEAD; 0.085 COAX
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation]
|
82C284 82C284_883 80C286_883 80C286 |
Microprocessor 16 Bit CMOS Process Speed 12.5 to 25MHz
|
Intersil
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
|