PART |
Description |
Maker |
189MS052N1512K 189MM052N1512K 189MN052N1512K 189MS |
Convoluted Tubing Backshell Convoluted Tubing Backshell
|
Glenair, Inc.
|
127-130-16BBS 127-130-16BNS 127-130-16BSS 127-130- |
Reinforced Helical Convoluted Tubing
|
Glenair, Inc.
|
123-100-1-1-06BEE 123-100-1-1-06BEE09 123-100-1-1- |
Helical Convoluted Tubing Helical Convoluted Tubing
|
Glenair, Inc.
|
123-100-1-2-06BEE 123-100-1-2-06BEH 123-100-1-2-06 |
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
121-103-1-1-06BFSE 121-103-2-1-06BFSE 121-103-1-1- |
Helical Convoluted Tubing (MIL-T-81914)Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
GLT5640AL16P-5.5TC GLT5640AL16P-6TC GLT5640AL16P-7 |
TUBE, SHR, POL, 063/031, BLK, 017, 600V, 135C, (934872) 4米16个CMOS同步动态随机存储器 TUBING SHRINK BLK IRRAD-PFIN 1/16 ID HEAT SHRINK TUBING, 2.4MM POLYOLEFIN, BLACK TBG H/SHRINK FP 1/16 BLK HEAT SHRINK TUBING 1/8 IN SHRINK TUBING D=12 TUBING, HEAT SHRINK, 0.187 ID UL224 BLK SHRINK TUBING, .093X..046IDX.020, BLK 4M X 16 CMOS Synchronous Dynamic RAM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
096735-000 989523-000 441753-000 926935-000 991984 |
RAYCHEM Tubing Products 4.20mm (.165) Pitch Mini-Fit Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock RAYCHEM Tubing Products
|
Tyco Electronics
|
AIA-50L1-12-05-1-ZB AIA-50L1-24-16-1-ZB AIA-50L1-2 |
BACKSHELL 5015 SIZE 12 BACKSHELL 5015 SIZE 24 BACKSHELL 62GB SIZE 8 Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer PLUG GROMMET 5 WAY 62GB BACKSHELL 5015 SIZE 28 BACKSHELL 5015 SIZE 14 BACKSHELL 5015 SIZE 18 PLUG GROMMET 6 WAY 62GB PLUG GROMMET 32 WAY 62GB PLUG GROMMET 10 WAY 62GB PLUG GROMMET 3 WAY 62GB PLUG GROMMET 08 WAY 62GB PLUG GROMMET 26 WAY 62GB DUST CAP SIZE 16 62GB DUST CAP SIZE 08 62GB PLUG GROMMET 19 WAY 62GB Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 防尘盖尺10 62GB BACKSHELL 5015 SIZE 22 后壳5015尺寸22 BACKSHELL 62GB SIZE 10 后壳62GB尺寸10 BACKSHELL 62GB SIZE 12 后壳62GB尺寸12 BACKSHELL 62GB SIZE 14 后壳62GB尺寸14 BACKSHELL 62GB SIZE 16 后壳62GB尺寸16 BACKSHELL 62GB SIZE 18 后壳62GB尺寸18 Low-Voltage, SOT23, µP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer 插座垫圈5未来2GB
|
Grayhill, Inc. Cinch Connectors TE Connectivity, Ltd. Amphenol, Corp.
|
MAF84X1 MAB84X1 MAF84AX1 |
Shrink Tubing; Tubing Size Diameter:1"; Shrink Temperature:100 C; Wall Thickness Recovered Nominal:0.035"; Inner Diameter Max Recovered:0.500"; Expanded Inner Diameter:1.000"; Material:Polyolefin; Approval Bodies:UL, CSA 单芯位微控制 SINGLE CHIP 8 BIT MICROCONTROLLER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
2SC5809 |
Shrink Tubing; Tubing Size Diameter:0.75"; Wall Thickness Recovered Nominal:0.065"; Inner Diameter Max Recovered:0.313"; Expanded Inner Diameter:0.750"; Material:Polyolefin 3 A, 500 V, NPN, Si, POWER TRANSISTOR, TO-220AB Power Device - Power Transistors - Swicthing
|
Panasonic, Corp.
|
TF2-5V TF2-L2-H-9V TF2-24V TF2-3V TF2-4.5V TF2-48V |
CONNECTOR ACCESSORY D52 - BACKSHELL ENVIRON STRT MIL D21 - BACKSHELL ENVIRON STRT MIL SMALL POLARIZED RELAY WITH HIGH SENSITIVITY 小极化继电器,灵敏度
|
NAIS[Nais(Matsushita Electric Works)] NAIS[Matsushita Electric Works(Nais)] Panasonic Industrial Solutions Nais(Matsushita Electri...
|
ES1000 |
Semirigid Polyolefin Tubing
|
Tyco Electronics
|