PART |
Description |
Maker |
PLC-BSC-24UC |
14 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 2 PDTs, input voltage 24 V AC/DC
|
PHOENIX CONTACT
|
PEB2265HV1.1 |
SICOFI 2 IOM2 (Dual Channel Codec Fil...
|
Infineon
|
IXBOD1-23R IXBOD1-23RD IXBOD1-19R IXBOD1-19RD IXBO |
Transient voltage protection Single Breakover Diode(单穿通二极管) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.55KV V(BO) MAX|15MA I(S) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.75KV V(BO) MAX|15MA I(S) GT 9C 2#12 7#16 SKT PLUG 3200 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.7KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.7KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.45KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.45KV五(公报)最大| 15mA的我(拧 2100 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.05KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.05KV五(公报)最大| 15mA的我(拧 3000 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.25KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.25KV五(公报)最大| 15mA的我(拧 2600 V, RVS BLOCKING BOD Breakover Diodes 800 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.35KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 1.35KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|3.3KV V(BO) MAX|15MA I(S)
|
IXYS Corporation IXYS, Corp.
|
STB20PF75 STB20PF75T4 |
P-CHANNEL 75V - 0.10 OHM - 20A DPAK STripFETII POWER MOSFET P-CHANNEL 75V - 0.10 ?- 20A D2PAK STripFET II POWER MOSFET P-CHANNEL 75V - 0.10 з - 20A D?PAK STripFETII POWER MOSFET P通道75V 0.10з - 20A?巴基斯STripFET⑩二功率MOSFET
|
ST Microelectronics STMicroelectronics N.V.
|
A-2049-002 |
PLC Components
|
Premo
|
P1C4A-SFBU1 P1C8A-SFBU1 P1C16A-SFBU1 P1C32A-SFBU1 |
PLC Splitter Module
|
Omron Electronics LLC
|
86093967113745000E 8609XXX7113XX5 8609364711374500 |
DIN STANDARD HEADER(ANGLED SPILL DIN 41612 STYLE-C)
|
FCI-CONNECTOR[FCI connector]
|
PE3C2004-200CM |
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Cable 200cm
|
Pasternack Enterprises, Inc...
|
MDP-006 DP-007 DP-002 DP-004 DP-008 DP-001 DP-005 |
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
|
Adam Technologies, Inc.
|
DP008 MDP003 MDP008 MDP009 DP009 MDS008 MDS003 MDS |
DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
|
Adam Technologies, Inc.
|
ISL1572 ISL1572IRZ ISL1572IRZ-T7 ISL1572IUEZ ISL15 |
Power Line Communication PLC
|
Intersil Corporation
|
2900312 |
PLC-RPIT- 24DC/ 1/ACT
|
PHOENIX CONTACT
|