PART |
Description |
Maker |
HFM208A HFM201A HFM202A HFM203A HFM204A HFM205A HF |
2 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes HIGH EFFICIENCY RECTIFIER 50V 2.0A
|
RECTRON LTD Rectron Semiconductor
|
RT6010 |
Dual Channel High Efficiency and High Accuracy Average Current Control LED Backlight Buck Controller
|
Richtek Technology Corporation
|
TEA1210TS |
High efficiency, high current DC/DC converter
|
NXP Semiconductors
|
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
SP6652 SP6652ER SP6652EU_TR SP6652ER_TR SP6652EU S |
1A / High Efficiency / High Frequency Current Mode PWM Buck Regulator 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
|
SIPEX[Sipex Corporation]
|
SP6642 SP6642EU SP6642UEB SP6643 SP6643EU |
Single Alkaline Cell High Efficiency Step-Up DC-DC Converter Application Note:High Current Output Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
|
SIPEX[Sipex Corporation]
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
FAN5333ASX |
High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
|
Fairchild Semiconductor
|
HLMP-4740 HLMP-1719 HLMP-1700 HLMP-4719 MV2454 HLM |
LOW CURRENT T-100 T-1 3/4 LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS HER LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS YELLOW Super Yellow Super Bright AllnGaP T-1 3/4 (5 mm) Low Current LED Lamp - Tinted & Diffused High Efficiency Red Water Clear Subminiature T-3/4 LED Super Red Super Bright AllnGaP T-1 3/4 (5 mm) Low Current LED Lamp - Tinted & Diffused Green Right Angle T-100 (3 mm) Diffused Yellow Right Angle T-100 (3 mm) Diffused High Efficiency Red Right Angle T-100 (3 mm) Diffused From old datasheet system LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|