PART |
Description |
Maker |
GL24T GL05T GL15T GL12T |
Low-capacitance ESD protection;
data line protection; LOW CAPACITANCE ESD PROTECTION DIODES FOR HIGH-SPEED DATA INTERFACES
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
SDA006 SDA006-7 |
Data Line Protection DATA BUS TRANSIENT SUPPRESSOR/3-PHASE FULL WAVE BRIDGE RECTIFIER
|
Dionics Inc. DIODES[Diodes Incorporated]
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
NUF2230XV6T1 |
2 Line EMI Filter with ESD Protection 2 FUNCTIONS, DATA LINE FILTER
|
ON Semiconductor
|
NUP6101DMR2-D |
Unidirectional TVS Array for High-Speed Data Line Protection
|
ON Semiconductor
|
NUP1301ML3T1 NUP1301ML3T1G |
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION IN A SINGLE DATA LINE
|
ONSEMI[ON Semiconductor]
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
NUF4001MU NUF4001MUT2G |
Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 4线低电容EMI滤波器在UDFN8包装的ESD保护 Low Capacitance 4 Line EMI Filter with ESD Protection in UDFN8 Package 4 FUNCTIONS, 5 V, DATA LINE FILTER
|
ON Semiconductor
|
CM1461-04DE CM1461-06DE CM1461-08DE |
Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER ROHS COMPLIANT, TDFN-12
|
ON Semiconductor
|
DR332-113AE |
Surface Mount Data Line Chokes 2 FUNCTIONS, 80 V, 0.5 A, DATA LINE FILTER
|
Bourns, Inc.
|
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
M27W256 M27W256-100B6TR M27W256-100F6TR M27W256-10 |
256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 1-of-8 Data Selectors/Multiplexers 16-PDIP 0 to 70 1-of-8 Data Selectors/Multiplexers 16-SO 0 to 70 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Dual 1-of-4 Data Selectors/Multiplexers 16-SOIC 0 to 70 3-Line To 8-Line Decoders/Demultiplexers 16-SO 0 to 70
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
|