PART |
Description |
Maker |
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
3PMT15A 3PMT90A 3PMT100A 3PMT10A 3PMT110A 3PMT11A |
POWERMITE Low Profile 1500 Watt Transient Voltage Suppressor 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
2SK4177 2SK4177-DL-E K4177-TL |
2 A, 1500 V, 13 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SSM5G09TU |
1500 mA, 12 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
UN604 |
1500 mA, 10 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
MASMCG5.0C SMCG8.0A |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MQF10.7-1500-06 MQF10.7-1500/06 |
MQF10.7-1500-06 Monolithic Crystal Filter 10.7 MHz, Channel spacing 25 kHz
|
Vectron International, Inc. VECTRON[Vectron International, Inc]
|
1.5SMC91AT3G 1.5SMC10AT3 1.5SMC11AT3 1.5SMC12AT3 1 |
1500 Watt Peak Power Zener Transient Voltage Suppressors(1500W 峰值功率齐纳抗雷管(TVS)) 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional* 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt SMC Transient Voltage Suppressors 10 V Unidir 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
http:// ONSEMI[ON Semiconductor]
|
SMCJ36A SMCJ5V0A SMCJ5V0CA SMCJ6V5A SMCJ26A SMCJ12 |
1500 Watt Transient Voltage Suppressors Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Quad Clocked 'D' Latch 16-CDIP -55 to 125
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
HSMCG95AH2 HSMCG95AH1 HSMCG95AH3 HSMCG13CAH1 HSMCG |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED PACKAGE-2 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|