PART |
Description |
Maker |
B82731-H2132-A30 B82731-H2351-A30 B82731-H2112-A30 |
CHOKE 6.8MH 1.3A CHOKE 100MH 0.35A CHOKE 10MH 1.1A CHOKE 3.3MH 1.8A CHOKE 47MH 0.5A CHOKE 39MH 0.6A CHOKE 27MH 0.7A CHOKE 15MH 0.9A 扼流5MH.9A;
|
PRECI-DIP SA
|
RN114-4/02 RN114-0.3/02 RN114-0.5/02 RN114-2/02 RN |
CHOKE 1.5MH 4A DROSSEL NETZ PCB 47MH 0.3A CHOKE 39MH 0.5A DROSSEL NETZ PCB 4.2MH 2.0A DROSSEL NETZ PCB 27MH 0.8A CHOKE 15MH 1A CHOKE 3.9MH 4A CHOKE 2MH 3A CHOKE 10MH 1.2A DROSSEL NETZ PCB 3MH 1A DROSSEL NETZ PCB 5.6MH 2.5A CHOKE 5.6MH 2.5A DROSSEL NETZ PCB 4.3MH 1.5A DROSSEL NETZ PCB 3.3MH 1.5A CHOKE 6.8MH 2.0A DROSSEL NETZ PCB 6.8MH 2.0A CHOKE 6.8MH 1.5A DROSSEL NETZ PCB 6.8MH 1.2A CHOKE 6.8MH 1.2A CHOKE 3.9MH 6A CHOKE 12MH 0.3A CHOKE 47MH 0.3A 德罗塞尔内茨7MH电流0.6A 德罗塞尔内茨.4MH电流0.6A 扼流.3MH2.5a 扼流.4MH 0.6A 德罗塞尔Netz公司4.5MH 3.0A的电路板 扼流7MH 0.5A 德罗塞尔内茨7MH 0.8A 扼流9MH 0.8A 扼流00MH 0.5A 德罗塞尔内茨.3MH 4.0a 德罗塞尔内茨7MH 0.3A 扼流2MH 0.5A 扼流9MH 0.5A 德罗塞尔内茨9MH 0.4A 德罗塞尔内茨0MH 0.8A DROSSEL NETZ PCB 1.1MH 2A 德罗塞尔内茨1.1MH CHOKE 27MH 0.8A 扼流7MH 0.8A
|
HIROSE ELECTRIC Co., Ltd.
|
9250-684-RC 9250-332-RC 9250-182-RC 9250-122-RC 92 |
CHOKE RF MOLDED 680UH FERRITE 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3.3UH IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.8UH IRON 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 1.2UH IRON 1 ELEMENT, 1.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 3900UH FERRITE 1 ELEMENT, 3900 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .68UH PHENOLIC 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 18UH FERRITE 1 ELEMENT, 18 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 82UH FERRITE 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 15UH FERRITE 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED .47UH PHENOLIC 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:9250; Inductance:4.7uH; Inductance Tolerance: /- 10 %; Q Factor:44; Self Resonant Frequency:70MHz; Terminal Type:Axial Leaded; Core Material:Iron; Current Rating:380mA; DC Resistance Max:0.55ohm
|
Bourns, Inc. BOURNS INC
|
7526 |
Choke Surface Mount Common Mode Choke
|
FILTRAN[Filtran LTD]
|
SLD-65018250X SLD-65018242X SLD-65018270X SLD-6501 |
COIL 33UH 600MA CHOKE SMD CABLE ASSEMBLY; N MALE TO N FEMALE BULKHEAD; 50 OHM, RG178B/U COAX; COIL 470UH 200MA CHOKE SMD General handling precautions 一般的处理措施 LEVER ARM FOR SWITCH 一般的处理措施 LIMIT SWITCH 240VAC 10A PLAST ZCP 一般的处理措施 COIL 3.3UH 1600MA CHOKE SMD 一般的处理措施
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd. DB Lectro, Inc. Molex, Inc.
|
ATH15 ATH12 ATH06 ATH06T033 |
CHOKE,AXIAL,CONFORMAL,0.68uH, 10% INDUCTIVE TOL,495 IDC, CHOKE,AXIAL,CONFORMAL,8.2uH, 5% INDUCTIVE TOL,155 IDC, CHOKE,AXIAL,CONFORMAL,47uH, 10% INDUCTIVE TOL,167 IDC, CHOKE,AXIAL,CONFORMAL,470uH, 5% INDUCTIVE TOL,53 IDC,
|
Astec America, Inc
|
DLP31DN131ML4L DLP31DN321ML4L DLP31DN201ML4L DLP31 |
CHOKE COM MODE ARRY 130 OHM 1206 4 FUNCTIONS, 10 V, 0.12 A, DATA LINE FILTER CHOKE COM MODE ARRY 320 OHM 1206 4 FUNCTIONS, 10 V, 0.08 A, DATA LINE FILTER CHOKE COM MODE ARRY 200 OHM 1206 4 FUNCTIONS, 10 V, 0.1 A, DATA LINE FILTER CHOKE COM MODE ARRY 440 OHM 1206 4 FUNCTIONS, 10 V, 0.07 A, DATA LINE FILTER EMI COMMON MODE CHOKE 1206 90OHM@100MHZ
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
1120-1R0M 1120-4R7M 1120-3R3M 1120-3R9M |
CHOKE RF RADIAL 1.0UH 20% 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF RADIAL 4.7UH 20% Leaded Choke; Series:1120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.005ohm; Leaded Process Compatible:No 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
CM3312R111R-10 CM3322P400R-10 |
CHOKE COMMON MODE 110 OHMS SMD 2 FUNCTIONS, 5 A, FERRITE CHIP CHOKE COMMON MODE 40 OHMS SMD
|
Laird Technologies, Inc.
|
CM6460R-334 CM6460R-504 CM6460R-505 CM6460R-106 CM |
Surface Mount Common Mode Choke 2 FUNCTIONS, 2.7 A, DATA LINE FILTER ROHS COMPLIANT PACKAGE-4 Surface Mount Common Mode Choke
|
API Delevan
|
PE-69011 R0003 23Z87SM PE-68602 23Z104SM 23Z105SM |
Common Mode Choke Catalog for Datacom & Power - Datacom Section - (10/02) Dual EconoReset with Pushbutton Common Mode Choke Catalog for Datacom & Power - Datacom Section - (10/02) 共模电感产品的数据通信 3.3 Volt MicroMonitor Chip 共模电感产品的数据通信
|
HIROSE ELECTRIC Co., Ltd. Pulse Engineering, Inc.
|
74477002 |
POWER-CHOKE WE-PD
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
|