PART |
Description |
Maker |
HPR712 HPR717 HPR700 HPR703 HPR704 HPR705 HPR706 H |
5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 1000mA. 5 WATT UNREGULATED SIP DC/DC CONVERTER 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -208mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -167mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 1000mA. 5 Watt unregulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage -15VDC, rated output current -167mA.
|
CANDD[C&D Technologies]
|
DUR01-12S05 DUR01-12S12 DUR01-12S15 DUR01-12S33 DU |
1 WATT UNREGULATED OUTPUT POWER
|
RSG Electronic Components GmbH
|
PLA05A-050-R PLA05A-090-R PLA05A-120-R |
5.0 Watt - Unregulated Wall Plug
|
Phihong USA Inc.
|
HPR710 HPR700 HPR711 HPR712 HPR717 |
5 WATT UNREGULATED SIP DC/DC CONVERTER
|
Murata Power Solutions Inc.
|
P6LU-243R3ZH40 P6LU P6LU-0505ZH40 P6LU-0512ZH40 P6 |
Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-15V ( /-34mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output 4KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 4kV的隔1W的未稳压双输出SIP7
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
PWR1317 PWR1309 PWR1300 PWR1308 PWR1303 PWR1305 PW |
2-OUTPUT 1.5 W DC-DC UNREG PWR SUPPLY MODULE FERRITE CHIP 30 OHM 5A 0805 FERRITE CHIP 60 OHM 2.3A 0603 1.5瓦特未稳压DC / DC变换 1.5 WATT UNREGULATED DC/DC CONVERTER 1.5瓦特未稳压DC / DC变换 1.5 Watts Unregulated DC/DC Converters
|
C&D TECHNOLOGIES INC CANDD[C&D Technologies]
|
DUP75-05D05 DUP75-12S05 DUP75-12S15 DUP75-15D12 DU |
Isolated and Unregulated 0.75 WATT Modular DC/DC Converters
|
ETC[ETC]
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
PWR1103 PWR1104 PWR1113 PWR1101 PWR1141 PWR1105 PW |
1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER 1-OUTPUT 1.5 W DC-DC UNREG PWR SUPPLY MODULE RECTIFIER STANDARD SINGLE 3A 50V 50 200A-ifsm 10uA-ir 1V-vf DO-201AD 1.2K/REEL-13 1-OUTPUT 1.5 W DC-DC UNREG PWR SUPPLY MODULE
|
CANDD[C&D Technologies]
|
PZ5LU-1515Z PZ5LU-0505Z PZ5LU-0512Z PZ5LU-0515Z PZ |
PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7 PZ5LUxxxxZ 3 KV ISOLATED 0.75 W UNREGULATED DUAL OUTPUT SIP7
|
PEAK[PEAK electronics GmbH]
|
TDA7493 TDA749313TR |
3-watt 3-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|