PART |
Description |
Maker |
MC34674AEP_R2 MC34674BEP_R2 MC34674CEP_R2 MC34674D |
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
MC34671AEP/R2 MC34671AEPR2 |
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
TC426IJA TC426COA TC428IJA TC427EOA TC428 TC427EPA |
The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage ... The TC426/TC427/TC428 are dual CMOS high-speed drivers. A TTL/CMOS input voltage level is translated into a rail-to-rail output voltage level swing. The CMOS output is within 25mV of ground or positive supply. The low impedance, high-curre (TC426 - TC428) 1.5A Dual High-Speed Power MOSFET Drivers
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
HCTS20MS HCTS20D_SAMPLE HCTS20DMSR HCTS20HMSR HCTS |
NAND-Gate, 4-Input, TTL Inputs, Dual, Rad-Hard, High-Speed, CMOS, Logic Switch Boot; For Use With:Toggle Switches Radiation Hardened Dual 4-Input NAND Gate HCT SERIES, DUAL 4-INPUT NAND GATE, CDFP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
MAX8804WETA MAX8804WETAT |
High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
|
MAXIM - Dallas Semiconductor
|
MIC47150WD |
1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
|
Micrel Semiconductor
|
MC33272A04 NCV33274A NCV33274ADG NCV33274ADR2 MC33 |
Single Supply, High Slew Rate, Low Input Offset Voltage, Dual Op Amp Single Supply, High Slew Rate, Low Input Offset Voltage Operational Amplifiers
|
ON Semiconductor
|
M29W008AT90N1T M29W008AB M29W008AB90N5T M29W008AT1 |
JFET-Input High Speed Dual Operational Amplifier 20-LCCC -55 to 125 Quad High-Speed JFET-Input Operational Amplifier 14-PDIP 8兆8,启动块低压单电源闪 JFET-Input High Speed Dual Operational Amplifier 8-CDIP -55 to 125 8兆8,启动块低压单电源闪 8 Mbit 1Mb x8 / Boot Block Low Voltage Single Supply Flash Memory 8 Mbit 1Mb x8, Boot Block Low Voltage Single Supply Flash Memory
|
STMicroelectronics N.V. ST Microelectronics http://
|