PART |
Description |
Maker |
RO-0515S RO-3.31.8SP RE-123.3S RE-3.33.3SP RE-0505 |
Low-Voltage Reference 1瓦特学校改善工程 Versatile Miniature Switch, High Performance 1瓦特学校改善工程 1 Watt SIP4 & SIP7 Single Output 1瓦特学校改善工程 16-Bit, 200 kSPS, Serial I/O A/D Converter; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Industrial Dual-Power MOSFET Driver (Inverting) 1 Watt SIP4 & SIP7 Single Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
TEA7089 TEA7089A TEA7089AFP 5642 |
LOW-RANGE PHONE DEDICATED CHIP From old datasheet system
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
IMX15 40IMX15-24-24-9 110IMY15-03-9RG 110IMY15-050 |
15 Watt, input voltage range:50-150V output voltage 5V (3500mA) DC/DC converter 15WattDC-DCConverters 15 Watt DC-DC Converters 1-OUTPUT 14.9 W DC-DC REG PWR SUPPLY MODULE
|
POWER-ONE[Power-One] POWER-ONE INC
|
CD2520FC CD2520WBA-0.101 CD2520WBA CD2015FC CD2015 |
Low Resistance Chip down to 0.010 OHM at - with unique Pedestal Terminal Designl for Current Sense in Hybrid and SMT Applications
|
RHOPOINT[RHOPOINT COMPONENTS]
|
PG0041.684T PG0040.103T PG0040.154T PG0040.104T PG |
500mA, Low Noise, LDO Micropower Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SMT Power Inductors - Shielded Drum Core - PG0040/01 series (9/02) SMT功率电感屏蔽鼓核 PG0040/01系列 / 02 150mA, Low Noise, LDO Micropower Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SMT功率电感屏蔽鼓核 PG0040/01系列 / 02
|
Electronic Theatre Controls, Inc.
|
HMC995LP5GE12 |
GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT
|
Hittite Microwave Corporation
|
SML-LX3939UWC-TR |
10.10mm SQUARE 5 WATT HIGH POWER SMT LED
|
LUMEX INC.
|
CHB100W |
66 TO 100 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
|
RSG Electronic Components
|
LT102 LT201 LT106 LT103 LT108 LT105 LT208 LT204 LT |
LT Series: 25/30 WATT Wide Input Range
|
List of Unclassifed Manufacturers N.A. ETC[ETC] Electronic Theatre Controls, Inc.
|
EGP08A EGP08B |
Dual Digitally Controlled Potentiometers (XDCP); Low Noise, Low Power, I2C® Bus, 128 Taps, Wiper Only; Temperature Range: Full-Range Ind Ultrafast Recovery Rectifiers 超快恢复二极
|
AME, Inc.
|
PDCS03001 PDCS03002 PDCS03003 PDCS03004 PDCS03005 |
3.0 WATT 2:1WIDE INPUT RANGE DC/DC POWER MODULES
|
Premier Magnetics, Inc.
|