PART |
Description |
Maker |
IP3254CZ12-6-TTL IP3254CZ16-8-TTL IP3253CZ16-8-TTL |
Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection SPECIALTY CONSUMER CIRCUIT, PDSO16 Integrated 4-, 6- and 8-channel passive EMI-filter network with high-level ESD protection
|
NXP Semiconductors N.V.
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
IP3053CX15 |
Integrated 2, 4, 6 and 8-channel passive EMI-filter network with high-level ESD protection to IEC 61000-4-2 level 4
|
NXP Semiconductors
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
NFA31GD1011014D NFA31GD1001014D NFA31GD1004704D NF |
EMI FILTER, 6V 0.015A NFA31GD1011014 4 FUNCTIONS, 6 V, 0.015 A, DATA LINE FILTER 4 FUNCTIONS, 6 V, 0.02 A, DATA LINE FILTER FLT, S/M, EMI SUP, 100PF
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SZNUF8152MUT2G NUF8152 |
8 Line LCD & Camera EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
IP5311CX5 |
Dual-channel Integrated Passive Filter Network
|
NXP
|
4600-063 |
EMI/RFI FILTER Bushing 1/4in 1 FUNCTIONS, 70 V, 25 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
EM10Q200 EM10Q-200 EM10Q-200-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
4205-058 |
EMI/RFI FILTER Bushing #8 1 FUNCTIONS, 100 V, 15 A, DATA LINE FILTER
|
TUSONIX, Inc.
|
EM10Q100 EM10Q-100 EM10Q-100-T13 EM10Q-100-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
|