PART |
Description |
Maker |
HES25-033500-1 HES25-360100-6 HES25-230130-2 HES25 |
AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
|
http:// HITRON ELECTRONICS CORPORTION
|
HES16B-065250 HES16C-065250 HES16B-150120 HES16B H |
AC/DC EXTERNAL WALLMOUNT ADAPTER USA OR EUROPEAN INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HES15-12506-DJ-6 HES15-24006-00-7 HES15-15005-EJ-7 |
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT MULTIPLE OUTPUT 15-16 WATTS SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
HES18-033280-1 HES18-050300-3 HES18-070230-5 HES18 |
AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
|
HITRON ELECTRONICS CORPORTION
|
MB3829 MB3829PFV-G-BND |
BOX, PC, GY, 130X80X100BOX, PC, GY, 130X80X100; Length / Height, external:130mm; Width, external:80mm; Depth, external:100mm; Material:Polycarbonate; Colour:Grey; Approval category:EN 60529; IP rating:66/67; No. of holes:4; RAL System Power Supply IC for Mobile Telephone
|
Fujitsu Limited Fujitsu Media Devices Fujitsu Component Limited.
|
E.FL-R-SMT E.FL-LP-040 E.FL-LP-066 E.FL-LR-SMT E.F |
DISPLAY BUTTONSDISPLAY BUTTONS; Depth, external:21mm; Length / Height, external:86.5mm; Width, external:86.5mm 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 IP65 DISPLAY REPEATER FOR EASY 800 ; 大肠杆菌佛罗里达州同轴连接器与世界上最小的足迹 CPU WITHOUT NETWORKCPU WITHOUT NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CPU WITH NETWORKCPU WITH NETWORK; Depth, external:29.5mm; Length / Height, external:90mm; Width, external:107.5mm CABLE ; Connector type A:MFD-Titan; Connector type B:MFD-Titan; Length, lead:5m E.FL Coaxial Connectors with World Smallest Footprint
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
SFPJ-73 FMJ-2303 RK33 MI1A3 SPJ-G53S AK03 EA03 EK0 |
Schottky Barrier Diodes 肖特基势垒二极管 HEAT SINK, TO-202, 10 C/W; Case style:TO-202; Thermal resistance:10(degree C)/W; Width, external:34.5mm; Depth, external:38mm; Length / Height, external:12.5mm; Material:Aluminium; Surface finish:Black Anodised; Centres, RoHS Compliant: Yes
|
Unknow Electronic Theatre Controls, Inc. ETC SANKEN[Sanken electric] http://
|
1SV231 |
FILTER, INLET, IEC, 6A, SPST; Voltage rating, AC:250V; Current rating:6A; Phases, No. of:1; Length / Height, external:24mm; Width, external:48.5mm; Depth, external:65.7mm; Approval Bodies:VDE, CSA, UL; Capacitance, X type RoHS Compliant: Yes VARIABLE CAPACITANCE DIODE (CATV TUNING)
|
Toshiba Corporation Toshiba Semiconductor
|
MC12148D MC12148SD MC12148 |
LOW POWER VOLTAGE CONTROLLED OSCILLATOR Switch Mode Power Supply; Series:MFA; Output Voltage:12VDC; Output Power Max:350W; Output Current:29A; Number of Outputs:1; Efficiency:86%; External Depth:3.20"; External Height:1.50"; External Width:6.80" PSU, 350W 24V SINGLE O/P ; Voltage, output:24V; Current, output:14.5A; Power rating:350W; Voltage, supply min:90V; Voltage, supply max:264V; Length / Height, external:38.1mm; Width, external:81.3mm; Depth, external:172mm; Current,
|
Motorola, Inc MOTOROLA INC
|
2A06 2A01 2A05 2A02 2A07 2A03 2A04 |
2.0A RECTIFIER MC24E3 Std. Unit FAN, 127X127X38MM, 24VDC; Series:Galaxy; Flow rate, imperial:195cu.ft/min; Length / Height, external:127mm; Width, external:127mm; Depth, external:38mm; Power consumption:31.2W; Noise:59.8dB; Voltage, supply DC:24V dc; Approval RoHS Compliant: Yes
|
DIODES[Diodes Incorporated] Diodes Inc.
|
PCH-W306 PCH-W206E PCH-W204 |
4-slot Wallmount Chassis
|
Protech Systems Co., Ltd.
|
TF-BP-208SG-P4-A11 TF-BP-208SG-P7-A11 |
Wallmount, PICMG 1.0, 8-Slot Backplane, 4 PCI, 3 ISA, Single Segment Wallmount, PICMG 1.0, 8-Slot Backplane, 7 PCI, Single Segment
|
AAEON Technology
|