PART |
Description |
Maker |
BL6211 |
1.25 Watt Fully Differential Audio Power Amplifier With Internal Feedback Resistors
|
http:// SHANGHAI BELLING CO., LTD.
|
13522-100 13522-102 13522-1R0 13522-R005 13522-R00 |
PRECISION POWER WIREWOUND RESISTORS SILICONE COATED 1/2 WATT TO 50 WATT
|
RCD COMPONENTS INC.
|
TDA7493 |
3-watt 3-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
TDA7493 TDA749313TR |
3-watt 3-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
CFZ25-102-GB CFZ25-102-GT CFZ25-102-JB CFZ25-102-J |
HIGH VOLTAGE CARBON RESISTORS 1/8 WATT to 3 WATT
|
RCD COMPONENTS INC.
|
502-0301 502-0302 502-0303 502-0304 502-0306 502-0 |
0.1 Watt and 0.2 Watt, 6mm dia. shaft
|
NTE Electronics
|
TX10005JASLPLNH TX1000 TX10005BASLPLNH TX10005CASL |
1000 Watt. AC/DC power supply. Output voltage 2.5V, output current 200A 1000 Watt. AC/DC power supply. Output voltage 18.0V, output current 56A 1000 Watt. AC/DC power supply. Output voltage 24.0V, output current 42A 1000 Watt. AC/DC power supply. Output voltage 28.0V, output current 36A 1000 Watt. AC/DC power supply. Output voltage 3.3V, output current 182A 1000 Watt. AC/DC power supply. Output voltage 15.0V, output current 67A 1000 Watt. AC/DC power supply. Output voltage 48.0V, output current 21A 1000 Watt. AC/DC power supply. Output voltage 36.0V, output current 28A 1000 WATT AC/DC POWER SUPPLY 1000 Watt. AC/DC power supply. Output voltage 20.0V, output current 50A
|
CANDD[C&D Technologies]
|
ADR3410 |
50 ?High Linearity 1 Watt Amplifier 50 蟹 High Linearity 1 Watt Amplifier 50 з High Linearity 1 Watt Amplifier The ADR3410 is a high performance, single-stage InGaP HBT amplifier designed for use in wireless infrastructure systems as a highly ...
|
ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
1N963B 1N965B 1N962B 1N970B 1N960B 1N961B 1N966B 1 |
Half Watt Zener(耗散功率.5瓦的齐纳二极 27 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 Half Watt Zeners
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SR90-108-KBW SR90-105-FBW SR90-104-KBW SR90-105-GB |
HIGH POWER & HIGH VOLTAGE RESISTORS 2 WATT to 250 WATT, 15KV to 300KV
|
RCD COMPONENTS INC. http://
|