PART |
Description |
Maker |
PDCD06071K PDCS06071K PDCD06071Q PDCS06071Q PDCD06 |
5-6 WATT 4:1 WIDE INPUT RANGE DC/DC POWER MODULES (Rectangle Package)
|
Premier Magnetics, Inc.
|
WFC02R WFC02R24D05 WFC02R24D12 WFC02R24D15 WFC02R2 |
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER 2瓦特稳压宽输入范围的直流/直流转换
|
CANDD[C&D Technologies]
|
KR24D12-230 KR24D15-190 KR24D5-500 KR24S12-470 KR2 |
Single and Dual Outputs 6 Watt DC/DC Converters 2:1 and 4:1 Wide Input Voltage Range
|
Wall Industries,Inc.
|
KR24D15-190 KRW24S9-620 KR12D12-230 KR48S15-400 KR |
6 Watt DC/DC Converter Single and Dual Outputs 2:1 and 4:1 Wide Input Voltage Range
|
Wall Industries,Inc.
|
JR24D15-330 JR12D12-420 JR48D15-330 JR48S33-2000 J |
Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
|
Wall Industries,Inc.
|
LANEUW LANEUW4812R LANEUW4812RD LANEUW4833R LANEUW |
Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
|
Wall Industries,Inc.
|
MAX8545EUB MAX8548 MAX8548EUB MAX8545 MAX8546 MAX8 |
Low-Cost Wide Input Range Step-Down Controllers with Foldback Current Limit Low-Cost / Wide Input Range / Step-Down Controllers with Foldback Current Limit Low-Cost, Wide Input Range, Step-Down Controllers with Foldback Current Limit Low-Cost. Wide Input Range. Step-Down Controllers with Foldback Current Limit Dual J-K Negative-Edge-Triggered Flip-Flops With Clear And Preset 16-CFP -55 to 125 SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
UEI15-033-Q12N-C UEI15-033-Q12P-C UEI15-033-Q48N-C |
Isolated Wide Input Range 15-Watt DC/DC Converters
|
Murata Manufacturing Co... Murata Manufacturing Co., Ltd.
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
REC3-123.3SRW_H4 REC3-123.3SRW_H6 REC3-123.3SRWH4 |
3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Replaced by UCC3817 : High Efficiency, High Power Factor Preregulator 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(5.0V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Power Factor Preregualtor 16-TSSOP 0 to 70 Single Output LDO, 3.0A, Adj.(1.22 to 8.5V), Reverse Current Protection, Thermal Shutdown 5-DDPAK/TO-263 0 to 70 Single Output LDO, 500mA, Adj.(15 to 1.25V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
Electronic Theatre Controls, Inc. RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
LTC2321-12 LTC2321-16 LTC2321-14 LTC2311-16 LTC231 |
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
|
Linear Technology
|