PART |
Description |
Maker |
CT322-200 CT322-020 CT322-030 CT322-040 CT322-050 |
SMD Current Sense Transformer
|
List of Unclassifed Manufacturers ETC[ETC]
|
CT317-020 CT317-030 CT317-040 CT317-050 CT317-060 |
SMD Current Sense Transformer
|
Datatronic Distribution, Inc.
|
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
XR494 XR2002 XR1468 XR-1468 XR1488 XR-1488 XR1488N |
DAA Module, Half Wave Ring Detection, CID 高电压,大电流达林顿晶体管阵 OPTOCOUPLER SGL TRANS-OUT 6-SMD CAP 2200UF 10V ELECT FK SMD OPTOCOUPLER SOLID STATE CURRENT SENSOR, 6 PIN SMD SMD FET N-CHAN RON 10OHM LITELINK Optocoupler with a single or darlington transistor output From old datasheet system High-Voltage, High-Current Darlington Transistor Arrays
|
Exar, Corp. EXAR[Exar Corporation]
|
A74-11 A74-10 |
Current and Voltage Controls Current Transformer, 3-Phase
|
List of Unclassifed Manufacturers ETC[ETC]
|
TAD4800A1A TAD4X00AXA |
(TAD4xxxAxA) Current and Voltage Controlles Current Transformer
|
Carlo Gavazzi
|
CS60-100L |
Current sensor, RoHS CURRENT TRANSFORMER
|
Coilcraft, Inc.
|
HVC |
PC SMD 105°C Very Low ESR High Ripple Current 2.000h Lifetime(Polymer SMD)
|
Jianghai Europe GmbH
|
ACST-120-X ACST-01-08 |
CURRENT SENSING TRANSFORMER
|
ABRACON[Abracon Corporation]
|
LPE-3325-A190 |
0.5 A CURRENT SENSE TRANSFORMER
|
VISHAY DALE
|